Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUSB3FA2 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PUSB3FA2
Description  ESD protection for ultra high-speed interfaces
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUSB3FA2 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PUSB3FA2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUSB3FA2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Nexperia
PUSB3FA2
ESD protection for ultra high-speed interfaces
7. Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VI
input voltage
-1.5
1.5
V
IPPM
rated peak pulse current tp = 8/20 µs
[1]
-
7
A
IEC 61000-4-2, level 4; contact discharge [2]
-15
15
kV
VESD
electrostatic discharge
voltage
IEC 61000-4-2, level 4; air discharge
[2]
-15
15
kV
Tstg
storage temperature
-55
125
°C
Tamb
ambient temperature
-40
85
°C
[1] In positive and negative direction.
[2] All pins to ground.
8. Characteristics
Table 5. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBR
breakdown voltage
II = 1 mA; Tamb = 25 °C
5.5
9
-
V
ILR
reverse leakage
current
per channel; VI = 1.5 V; Tamb = 25 °C
-
1
100
nA
Cline
line capacitance
f = 1 MHz; VI = 1.5 V; Tamb = 25 °C
[1]
-
0.17
0.2
pF
TLP; positive transient; Tamb = 25 °C
[2]
-
0.4
-
Ω
rdyn
dynamic resistance
TLP; negative transient; ; Tamb = 25 °C [2]
-
0.4
-
Ω
Vsbck
snapback voltage
II = 1 A; TLP 100/10 ns; Tamb = 25 °C
-
3.3
-
V
IPP = 5 A; positive transient;
Tamb = 25 °C
[3]
-
5
-
V
VCL
clamping voltage
IPP = -5 A; negative transient;
Tamb = 25 °C
[3]
-
-5
-
V
[1] The parameter is guaranteed by design.
[2] 100 ns Transmission Line Pulse (TLP), 50 Ω, pulser at 80 ns.
[3] According to IEC 61000-4-5 (8/20 µs current waveform).
PUSB3FA2
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved
Product data sheet
5 April 2018
3 / 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com