Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS01DTP06 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STS01DTP06
Description  Dual NPN-PNP complementary Bipolar transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS01DTP06 Datasheet(HTML) 4 Page - STMicroelectronics

  STS01DTP06 Datasheet HTML 1Page - STMicroelectronics STS01DTP06 Datasheet HTML 2Page - STMicroelectronics STS01DTP06 Datasheet HTML 3Page - STMicroelectronics STS01DTP06 Datasheet HTML 4Page - STMicroelectronics STS01DTP06 Datasheet HTML 5Page - STMicroelectronics STS01DTP06 Datasheet HTML 6Page - STMicroelectronics STS01DTP06 Datasheet HTML 7Page - STMicroelectronics STS01DTP06 Datasheet HTML 8Page - STMicroelectronics STS01DTP06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Electrical characteristics
STS01DTP06
4/11
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
(Tcase = 25°C unless otherwise specified)
Table 3.
Q1-NPN transistor electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 60V
0.1
µA
ICEO
Collector cut-off current
(IB = 0)
VCE = 30V
1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5V
1
µA
V(BR)CEO (1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10mA
30
V
VCE(sat) (1)
1. Pulsed: Pulse duration = 300 ms, duty cycle
≤ 1.5 %
Collector-emitter
saturation voltage
IC = 1A
IB = 10mA
IC = 2A
IB = 100mA
0.35
1
0.7
V
V
VBE(sat) (1)
Base-emitter saturation
voltage
IC = 1A
IB = 10mA
0.85
1.1
V
hFE (1)
DC current gain
IC = 1A
VCE = 2V
IC = 3A
VCE = 2V
100
30
Table 4.
Q2-PNP transistor electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = -60V
-0.1
µA
ICEO
Collector cut-off current
(IB = 0)
VCE = -30V
-1
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = -5V
-1
µA
V(BR)CEO (1)
Collector-emitter
breakdown voltage
(IB = 0)
IC = -10mA
-30
V
VCE(sat) (1)
Collector-emitter
saturation voltage
IC = -1A
IB = -10mA
IC = -2A
IB = -100mA
-0.35
-1
-0.7
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com