Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVL142AM Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVL142AM
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVL142AM Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVL142AM Datasheet HTML 1Page - Renesas Technology Corp HVL142AM Datasheet HTML 2Page - Renesas Technology Corp HVL142AM Datasheet HTML 3Page - Renesas Technology Corp HVL142AM Datasheet HTML 4Page - Renesas Technology Corp HVL142AM Datasheet HTML 5Page - Renesas Technology Corp HVL142AM Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev.2.00 Jan 19, 2006 page 1 of 5
HVL142AM
Silicon Epitaxial Planar Pin Diode for Antenna Switching
REJ03G0198-0200
Rev.2.00
Jan 19, 2006
Features
• An optimal solution for antenna switching in mobile phones.
• Low capacitance. (C = 0.35 pF max)
• Low forward resistance. (rf = 1.3 Ω max)
• Thin Extremely small Flat Lead Package (TEFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Package Name
Package Code
HVL142AM
J
TEFP
PUSF0002ZA-A
Pin Arrangement
Cathode mark
Mark
1. Cathode
2. Anode
1
2
•


Similar Part No. - HVL142AM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVL142A RENESAS-HVL142A Datasheet
171Kb / 8P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
Jan 13, 2006
More results

Similar Description - HVL142AM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KP RENESAS-RKP200KP Datasheet
52Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP204KP RENESAS-RKP204KP Datasheet
66Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KJ RENESAS-RKP301KJ Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com