Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73000000 Datasheet(PDF) 1 Page - Lapp.

Part # 73000000
Description  EPIC® POWER LS1 D6 3PE4
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

73000000 Datasheet(HTML) 1 Page - Lapp.

  73000000 Datasheet HTML 1Page - Lapp. 73000000 Datasheet HTML 2Page - Lapp. 73000000 Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
73000000
DATA SHEET
Valid from:
18.09.2020
EPIC® POWER LS1 D6 3+PE+4
Creator: STKU3/PDP
Released: IVSE1/PDP
Document: DB73000000EN
Version: 04
Page 1 of 3
We reserve all rights according to DIN ISO 16016.
PD 0019/05_04.18EN
Description
Circular connectors for servomotors and power supply
High power at smallest installation space
Optimal solution for electric motors
EMC-optimised design
Safety use in field environment by high protection class
General Characteristics
Series
POWER LS 1
Version
Cable connector for female contacts
Pin configuration
3+PE+4
Rated voltage (V)
630 V (2mm Contacts)
250 V (1mm Contacts)
Rated impulse voltage
6 kV (2mm Contacts)
4 kV (1mm Contacts)
Rated current (A)
26 A (2mm Contacts)
7 A (1mm Contacts)
Contact resistance
< 4 mOhm
Contacts
Gold plated brass
Number of contacts
3+PE+4
Termination methods
Crimp termination: 0.5 – 2.5 mm² (2 mm contacts)
Crimp termination: 4.0 mm² (2 mm contacts for 4442089)
Crimp termination: 0.14 - 1.0 mm² (1 mm contacts)
Protection
IP 68 (latched)
Cycle of mechanical operation
500
Temperature range
-25°C to +125°C
Degree of soiling
3
Product Variations
Package unit = 20 pcs: Contacts must be ordered separately
Article- Number
Article
Contacts
included
Cable clamping range
mm
Pin
configuration
Type LS1 D6, Cable connector, 8-pin for female contacts
73000000
LS1 D6
8
8,5 - 11
3+PE+4
73000002
LS1 D6
8,5 - 11
3+PE+4
73000001
LS1 D6
8
10,5 - 15,5
3+PE+4
73000003
LS1 D6
10,5 - 15,5
3+PE+4
76124000
LS1 D6
8
7,5 - 15,5
3+PE+4
76124510
LS1 D6
7,5 - 15,5
3+PE+4
44420089
LS1 D6 mit 2 mm contact for
4 mm² termination
8
14 - 17
3+PE+4
44420088
LS1 D6
14 - 17
3+PE+4


Similar Part No. - 73000000

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
7300000 QUALTEK-7300000 Datasheet
360Kb / 1P
RETAINER CLIP KIT
logo
Lapp.
73000008 LAPP-73000008 Datasheet
195Kb / 3P
EPIC® POWER LS1 F6 3PE4
18.09.2020
More results

Similar Description - 73000000

ManufacturerPart #DatasheetDescription
logo
Lapp.
24420056 LAPP-24420056 Datasheet
168Kb / 3P
EPIC® POWER LS1 A3 3PE4
28.03.2019
24441271 LAPP-24441271 Datasheet
231Kb / 3P
EPIC® POWER LS1 D6 3PE4 TWIST
18.09.2020
44420216 LAPP-44420216 Datasheet
342Kb / 4P
EPIC® POWERLOCK D6 C
03.08.2023
44429310 LAPP-44429310 Datasheet
139Kb / 2P
EPIC® LS1.5 D6
17.09.2018
73000008 LAPP-73000008 Datasheet
195Kb / 3P
EPIC® POWER LS1 F6 3PE4
18.09.2020
73000016 LAPP-73000016 Datasheet
200Kb / 3P
EPIC® POWER LS1 F7 3PE4
18.09.2020
73000024 LAPP-73000024 Datasheet
197Kb / 3P
EPIC® POWER LS1 D6 SHORT 3PE4
18.09.2020
74033001 LAPP-74033001 Datasheet
106Kb / 1P
EPIC® POWER LS1 SCM AU
17.09.2018
76084000 LAPP-76084000 Datasheet
165Kb / 3P
EPIC® POWER LS1 A6 3PE4
18.09.2020
76154000 LAPP-76154000 Datasheet
169Kb / 3P
EPIC® POWER LS1 G5 3PE4
18.09.2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com