Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94MQ6 Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T94MQ6
Description  Serial Real Time Clock with 44Bytes NVRAM and Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T94MQ6 Datasheet HTML 9Page - STMicroelectronics M41T94MQ6 Datasheet HTML 10Page - STMicroelectronics M41T94MQ6 Datasheet HTML 11Page - STMicroelectronics M41T94MQ6 Datasheet HTML 12Page - STMicroelectronics M41T94MQ6 Datasheet HTML 13Page - STMicroelectronics M41T94MQ6 Datasheet HTML 14Page - STMicroelectronics M41T94MQ6 Datasheet HTML 15Page - STMicroelectronics M41T94MQ6 Datasheet HTML 16Page - STMicroelectronics M41T94MQ6 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
M41T94
Operation
13/40
3.1
SPI bus characteristics
The Serial Peripheral interface (SPI) bus is intended for synchronous communication between different
ICs. It consists of four signal lines: Serial data input (SDI), Serial data output (SDO), Serial clock (SCL)
and a Chip Enable (E).
By definition a device that gives out a message is called “transmitter,” the receiving device that gets the
message is called “receiver.” The device that controls the message is called “master.” The devices that
are controlled by the master are called “slaves.”
The E input is used to initiate and terminate a data transfer. The SCL input is used to synchronize data
transfer between the master (micro) and the slave (M41T94) devices.
The SCL input, which is generated by the microcontroller, is active only during address and data transfer
to any device on the SPI bus (see Figure 5 on page 9).
The M41T94 can be driven by a microcontroller with its SPI peripheral running in either of the two
following modes:
●
(CPOL, CPHA) = ('0', '0') or
●
(CPOL, CPHA) = ('1', '1').
For these two modes, input data (SDI) is latched in by the low-to-high transition of clock SCL, and output
data (SDO) is shifted out on the high-to-low transition of SCL (see Table2 on page10 and Figure 6 on
page 10).
There is one clock for each bit transferred. Address and data bits are transferred in groups of eight bits.
Due to memory size the second most significant address bit is a Don’t Care (address bit 6).
Figure 7.
Input timing requirements
AI04633
SCL
SDI
E
MSB IN
SDO
tDVCH
HIGH IMPEDANCE
LSB IN
tELCH
tCHDX
tDLDH
tDHDL
tCHCL
tCLCH
tEHCH
tEHEL
tCHEH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com