Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94MQ6E Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T94MQ6E
Description  Serial Real Time Clock with 44Bytes NVRAM and Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T94MQ6E Datasheet HTML 19Page - STMicroelectronics M41T94MQ6E Datasheet HTML 20Page - STMicroelectronics M41T94MQ6E Datasheet HTML 21Page - STMicroelectronics M41T94MQ6E Datasheet HTML 22Page - STMicroelectronics M41T94MQ6E Datasheet HTML 23Page - STMicroelectronics M41T94MQ6E Datasheet HTML 24Page - STMicroelectronics M41T94MQ6E Datasheet HTML 25Page - STMicroelectronics M41T94MQ6E Datasheet HTML 26Page - STMicroelectronics M41T94MQ6E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
M41T94
Clock operations
23/40
4.6
Power-on reset
The M41T94 continuously monitors VCC. When VCC falls to the power fail detect trip point,
the RST pulls low (open drain) and remains low on power-up for tREC after VCC passes VPFD
(max). The RST pin is an open drain output and an appropriate pull-up resistor should be
chosen to control rise time.
4.7
Reset inputs (RSTIN1 & RSTIN2)
The M41T94 provides two independent inputs which can generate an output reset. The
duration and function of these resets is identical to a reset generated by a power cycle.
Table 7 on page 24 and Figure 13 on page 24 illustrate the AC reset characteristics of this
function. Pulses shorter than tRLRH1 and tRLRH2 will not generate a reset condition. RSTIN1
and RSTIN2 are each internally pulled up to VCC through a 100kΩ resistor.
Table 6.
Square Wave output frequency
Square Wave bits
Square Wave
RS3
RS2
RS1
RS0
Frequency
Units
0000
None
–
0001
32.768
kHz
0010
8.192
kHz
0011
4.096
kHz
0100
2.048
kHz
0101
1.024
kHz
0110
512
Hz
0111
256
Hz
1000
128
Hz
1001
64
Hz
1010
32
Hz
1011
16
Hz
11008
Hz
11014
Hz
11102
Hz
11111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com