Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS555C-ID Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CSS555C-ID
Description  Micropower Timer (with Internal Timing Capacitor)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CSS555C-ID Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CSS555C-ID Datasheet HTML 1Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 2Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 3Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 4Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 5Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 6Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 7Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 8Page - List of Unclassifed Manufacturers CSS555C-ID Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Custom Silicon Solutions, Inc. ©2009
2
Version 1.1, May 2009
CSS555C
Micropower Timer (with Internal Timing Capacitor)
Block Diagrams
Standard 555 Timer Configuration (Std. Mode)
(Programmable counter bypassed, Divider setting = 1)
Figure 3
Extended Period Configuration (EP Mode)
(Programmable counter enabled, Divider setting ≥ 10)
Figure 4
EEPROM Bit Assignments
Counter
Configuration
Divider Setting
(Mult)
Mode
Control Bits
Function
xxxxx000
1 (Std. 555)
xxxx0xxx
Astable Mode (“Don’t Care” if Std. 555)
xxxxx001
10
xxxx1xxx
Monostable Mode (“Don’t Care” if Std. 555)
xxxxx010
100
xxx0xxxx
Micro Power
xxxxx011
1K
xxx1xxxx
Low Power
xxxxx100
10K
xx0xxxxx
Standard Voltage (Trip levels = ⅓ & ⅔ VDD)
xxxxx101
100K
xx1xxxxx
Low Voltage (Trip levels = 10% & 90% VDD)
xxxxx110
1M
Bit 6
Unused
xxxxx111
1 (Std. 555)
Bit 7
1 (Read Only)
Table 1A
Table 1B
Note: For detailed programming information, see Application Note AN555-1 (CSS555_App_Note1_Serial_Interface)
_
+
Comp
_
+
Comp
R
S
Q
Q
Reset
Flip
Flop
VDD
Trigger
Output
Control Voltage
Threshold
VH
VL
R1
R2
R3
Reset
VSS
1
5
6
4
8
2
Discharge
3
7
R1+R2+R3 ~ 6 MΩ
For VDD > 1.8V, VH = 2/3 x VDD, VL = 1/3 x VDD
For VDD < 1.8V, VH = 0.9 x VDD, VL = 0.1 x VDD
CTI
100pF
VDD
_
+
Comp
_
+
Comp
R
S
Q
Q
Reset
Flip
Flop
Control Voltage
Threshold
VH
VL
R1
R2
R3
Reset
VSS
1
5
6
4
8
Trigger
2
Enbl
Clk
Q
Reset
6 Decade
Counter
Sel
Clk
Run
Q
Reset
Trig
Mode
Control
Mode
Output
Discharge
3
7
In0
In1
Out
Sel
2:1 Mux
Configuration
EEPROM
CTI
100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com