Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR340G.. Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR340G..
Description  Axial Lead Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR340G.. Datasheet(HTML) 2 Page - ON Semiconductor

  MBR340G.. Datasheet HTML 1Page - ON Semiconductor MBR340G.. Datasheet HTML 2Page - ON Semiconductor MBR340G.. Datasheet HTML 3Page - ON Semiconductor MBR340G.. Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR340
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TL = 25°C unless otherwise noted) (Note 3)
Characteristic
Symbol
Max
Unit
Maximum Instantaneous Forward Voltage (Note 4)
(iF = 1.0 Amp)
(iF = 3.0 Amp)
(iF = 9.4 Amp)
vF
0.500
0.600
0.850
V
Maximum Instantaneous Reverse Current @ Rated dc Voltage (Note 4)
TL = 25°C
TL = 100°C
iR
0.60
20
mA
3. Lead Temperature reference is cathode lead 1/32in from case.
4. Pulse Test: Pulse Width = 300
ms, Duty Cycle = 2.0%.
TA, AMBIENT TEMPERATURE (C°)
20
100
60
40
80
4.0
2.0
8.0
6.0
0
10
dc
SQUARE
WAVE
120
140
160
180
200
VR REVERSE VOLTAGE (VOLTS)
020
10
30
40
40
0.001
100
0.002
0.004
0.01
0.04
0.02
0.1
0.4
0.2
20
10
4.0
2.0
1.0
25°C
75°C
100°C
10
10
100
1000
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.2
0.1
0.3
0.4
0.5
5.0
0.01
0.03
0.02
0.07
0.2
0.1
20
10
3.0
2.0
1.0
0.7
0.6
0.8
0.9
0.3
0.05
0.5
0.7
150°C
7.0
25°C
100°C
TJ = 150°C
*The curves shown are typical for the highest voltage device in the
voltage grouping. Typical reverse current for lower voltage selec-
tions can be estimated from these same curves if VR is sufficiently
below rated VR.
Figure 1. Typical Forward Voltage
Figure 2. Typical Reverse Current*
Figure 3. Current Derating
(Mounting Method #3 per Note 5)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com