Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCI-0805-R15-J Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CCI-0805-R15-J
Description  SMD Ceramic Chip Inductors, CCI Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CCI-0805-R15-J Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CCI-0805-R15-J Datasheet HTML 1Page - List of Unclassifed Manufacturers CCI-0805-R15-J Datasheet HTML 2Page - List of Unclassifed Manufacturers CCI-0805-R15-J Datasheet HTML 3Page - List of Unclassifed Manufacturers CCI-0805-R15-J Datasheet HTML 4Page - List of Unclassifed Manufacturers CCI-0805-R15-J Datasheet HTML 5Page - List of Unclassifed Manufacturers CCI-0805-R15-J Datasheet HTML 6Page - List of Unclassifed Manufacturers CCI-0805-R15-J Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Chilisin Electronics Singapore Pte Ltd
SMD Ceramic Chip Inductors, CCI Series
19, Woodlands Industrial Park E1 #03-07 Singapore 757719
Tel : 65 - 68921191
Fax : 65 - 67606760
- 16-
C
S
E
Pb
Inductance
Test
Q
SRF
RDC
IDC
900MHz
1.7GHz
Part Number
(nH)
Freq.
min
MHz
Ω
mA
L
Q
L
Q
MHz
min
Max
max
Typ.
Typ.
Typ.
Typ.
CCI-0603-1N6-K
1.6 ± 10%
250
24
12500
0.030
700
1.67
49
1.65
63
CCI-0603-1N8-K
1.8 ± 10%
250
16
12500
0.043
700
1.63
35
1.66
150
CCI-0603-3N6-K
3.6 ± 10%
250
22
5900
0.063
700
3.72
53
3.71
65
CCI-0603-3N9-K
3.9 ± 10%
250
22
6900
0.080
700
3.95
49
3.96
67
CCI-0603-4N3-K
4.3 ± 10%
250
22
5900
0.063
700
4.32
50
4.33
70
CCI-0603-4N7-K
4.7 ± 10%
250
20
5800
0.116
700
4.72
47
4.75
57
CCI-0603-5N1-K
5.1 ± 10%
250
20
5700
0.140
700
4.93
47
4.95
56
CCI-0603-6N3-K
6.3 ± 10%
250
20
5700
0.140
700
5.5
47
6.1
60
CCI-0603-6N8-K
6.8 ± 10%
250
27
5800
0.110
700
6.75
60
7.1
81
CCI-0603-7N5-K
7.5 ± 10%
250
28
4800
0.106
700
7.70
60
7.82
65
CCI-0603-8N2-J
8.2 ± 5%
250
28
4700
0.109
700
8.30
60
8.50
60
CCI-0603-8N7-J
8.7 ± 5%
250
28
4600
0.109
700
8.86
62
9.32
58
CCI-0603-9N5-J
9.5 ±5%
250
28
5400
0.135
700
9.70
59
9.92
61
CCI-0603-10N-J
10.0 ±5%
250
31
4800
0.130
700
10
66
10.6
83
CCI-0603-11N-J
11.0 ± 5%
250
33
4000
0.086
700
11
53
11.5
56
CCI-0603-12N-J
12.0 ± 5%
250
35
4000
0.130
700
12.3
72
13.5
83
CCI-0603-15N-J
15.0 ± 5%
250
35
4000
0.170
700
15.4
64
16.8
89
CCI-0603-16N-J
16.0 ± 5%
250
34
3300
0.104
700
16.2
55
17.3
52
CCI-0603-18N-J
18.0 ± 5%
250
35
3100
0.170
700
18.7
70
21.4
69
CCI-0603-22N-J
22.0 ± 5%
250
38
3000
0.190
700
22.8
73
26.1
71
CCI-0603-24N-J
24.0 ± 5%
250
37
2650
0.135
700
24.5
45
28.7
39
CCI-0603-27N-J
27.0 ± 5%
250
40
2800
0.220
600
29.2
74
34.6
65
CCI-0603-30N-J
30.0 ± 5%
250
37
2250
0.144
600
31.4
47
39.9
28
CCI-0603-33N-J
33.3 ± 5%
250
40
2300
0.220
600
36
67
49.5
42
CCI-0603-36N-J
36.0 ± 5%
250
38
2080
0.250
600
39.4
47
52.7
24
CCI-0603-39N-J
39.0 ± 5%
250
40
2200
0.250
600
42.7
60
60.2
40
CCI-0603-43N-J
43.0 ± 5%
250
39
2000
0.280
600
47
44
64.9
21
CCI-0603-47N-J
47.0 ± 5%
200
38
2000
0.280
600
52.2
62
77.2
35
CCI-0603-56N-J
56.0 ± 5%
200
38
1900
0.310
600
62.5
56
97
26
CCI-0603-68N-J
68.0 ± 5%
200
37
1700
0.340
600
80.5
54
168
21
CCI-0603-72N-J
72.0 ± 5%
150
34
1700
0.490
400
82
53
135
20
CCI-0603-82N-J
82.0 ± 5%
150
34
1700
0.540
400
96.2
54
177
21
CCI-0603-R10-J
100.0 ± 5%
150
34
1400
0.580
400
124
49
-
-
CCI-0603-R11-J
110.0 ± 5%
150
32
1350
0.610
300
138
43
-
-
CCI-0603-R12-J
120.0 ± 5%
150
32
1300
0.650
300
165
39
-
-
CCI-0603-R15-J
150.0 ± 5%
150
28
990
0.920
280
250
25
-
-
CCI-0603-R18-J
180.0 ±5%
100
25
990
1.250
240
305
22
-
-
CCI-0603-R22-J
220.0 ±5%
100
25
900
1.900
200
480
8
-
-
CCI-0603-R27-J
270.0 ± 5%
100
24
900
2.800
170
980
4
-
-
Tolerance: G = ± 2% , J = ± 5% , K = ± 10%
IDC: measure at 15ºC above 25ºC
Operating Temperature range; -40ºC to +125ºC
Electrical Characteristics:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com