Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H11F2M Datasheet(PDF) 4 Page - ON Semiconductor

Part # H11F2M
Description  Photo FET Optocouplers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

H11F2M Datasheet(HTML) 4 Page - ON Semiconductor

  H11F2M Datasheet HTML 1Page - ON Semiconductor H11F2M Datasheet HTML 2Page - ON Semiconductor H11F2M Datasheet HTML 3Page - ON Semiconductor H11F2M Datasheet HTML 4Page - ON Semiconductor H11F2M Datasheet HTML 5Page - ON Semiconductor H11F2M Datasheet HTML 6Page - ON Semiconductor H11F2M Datasheet HTML 7Page - ON Semiconductor H11F2M Datasheet HTML 8Page - ON Semiconductor H11F2M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
H11F1M, H11F2M, H11F3M
www.onsemi.com
4
TYPICAL PERFORMANCE CURVES
IF, INPUT CURRENT (mA)
V46, OUTPUT VOLTAGE (V)
IF, LED FORWARD CURRENT (mA)
TA, AMBIENT TEMPERATURE (°C)
V4−6, D.C. BIAS VOLTAGE (mV)
Figure 1. Resistance vs. Input Current
Figure 2. Output Characteristics
Figure 3. LED Forward Voltage vs. Forward Current
Figure 4. Off−State Current vs. Ambient
Temperature
Figure 5. Resistive Non−Linearity vs. D.C. Bias
10
1
0.1
Normalized to:
IF = 16 mA
I46 = 5 mA RMS
1
10
100
800
600
400
200
0
−200
−400
−600
−800
−0.2
−0.1
0.0
0.1
0.2
IF = 2 mA
IF = 6 mA
IF = 10 mA
IF = 14 mA
IF = 18 mA
IF = 18 mA
IF = 14 mA
IF = 10 mA
IF = 6 mA
IF = 2 mA
2.0
1.8
1.6
1.4
1.2
1.0
0.8
TA = −40°C
TA = 25°C
TA = 100°C
0.1
1
10
100
10000
1000
100
10
1
Normalized to:
V46 = 15 V
IF = 0 mA
TA = 25°C
0
204060
80
100
5
3
2
1
4
0
V4−6 = 10 mA RMS
r(on) = 200 W
1
50
100
150
200
250
300
350



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com