Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSC010NE2LS Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BSC010NE2LS
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BSC010NE2LS Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BSC010NE2LS Datasheet HTML 1Page - Inchange Semiconductor Company Limited BSC010NE2LS Datasheet HTML 2Page - Inchange Semiconductor Company Limited BSC010NE2LS Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc N-Channel MOSFET Transistor
BSC010NE2LS
www.iscsemi.com
2023-8-29
11
DESCRIPTION
·
Drain Current –ID=100A@ TC=25℃
·
Drain Source Voltage- VDSS= 80V(Min)
APPLICATIONS
·
Synchronous Rectification in SMPS
·
Switching converters,motor driver,relay driver
·
Power Tools
·
UPS
·
Motor Control
ABSOLUTE MAXIMUM RATINGS(TC=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
25
V
VGS
Gate-Source Voltage
±
20
V
ID
Drain Current-continuous@ TC=25℃
100
A
IDM
Pulsed drain current
@ TC=25℃
400
A
EAS
Avalanche Energy, Single Pulse ,L=0.4mH, TC=25℃
190
mJ
PD
Power Dissipation ,TC=25℃
96
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.3
℃
/W
Gate
Drain
Source
D
D
S
S
S
Pin 1


Similar Part No. - BSC010NE2LS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC010NE2LS INFINEON-BSC010NE2LS Datasheet
1Mb / 12P
n-Channel Power MOSFET
2.0, 2011-03-01
BSC010NE2LS INFINEON-BSC010NE2LS Datasheet
760Kb / 10P
OptiMOSTM Power-MOSFET
Rev. 2.2 2013-02-12
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
1Mb / 12P
n-Channel Power MOSFET
2.1, 2011-09-08
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
33Kb / 1P
Material Content Data Sheet
14. August 2015
BSC010NE2LSI INFINEON-BSC010NE2LSI Datasheet
1Mb / 12P
OptiMOSTM Power-MOSFET, 25 V
Rev.2.4,2016-01-29
More results

Similar Description - BSC010NE2LS

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com