Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485EBDR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST485EBDR
Description  ±15KV ESD protected, low power RS-485/RS-422 transceiver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST485EBDR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST485EBDR Datasheet HTML 4Page - STMicroelectronics ST485EBDR Datasheet HTML 5Page - STMicroelectronics ST485EBDR Datasheet HTML 6Page - STMicroelectronics ST485EBDR Datasheet HTML 7Page - STMicroelectronics ST485EBDR Datasheet HTML 8Page - STMicroelectronics ST485EBDR Datasheet HTML 9Page - STMicroelectronics ST485EBDR Datasheet HTML 10Page - STMicroelectronics ST485EBDR Datasheet HTML 11Page - STMicroelectronics ST485EBDR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
ST485E
8/19
Table 8.
Receiver switching characteristics (VCC = 5V ± 5%, TA = TMIN to TMAX, unless otherwise
specified. Typical values are referred to TA = 25°C)
Symbol
Parameter
Test conditions (1)
Min.
Typ.
Max.
Unit
tPLH
tPHL
Propagation delay input to
output
RDIFF = 54Ω, CL1 = CL2 = 100pF (See
Figure 4. and Figure 8.)
110
130
ns
tSKD
Differential receiver skew
RDIFF = 54Ω, CL1 = CL2 = 100pF (See
Figure 4. and Figure 8.)
510
ns
tPZH
Output enable time
CRL = 15pF, S1 = Closed
(See Fig. 2 and
Figure 9.)
11
35
ns
tPZL
Output enable time
CRL = 15pF, S2 = Closed
(See Fig. 2 and
Figure 9.)
13
35
ns
tPLZ
Output disable time
CRL = 15pF, S1 = Closed
(See Fig. 2 and
Figure 9.)
13
35
ns
tPHZ
Output disable time
CRL = 15pF, S2 = Closed
(See Fig. 2 and
Figure 9.)
11
35
ns
fMAX
Maximum data rate
5
Mbps
1.
All currents into device pins are positive; all out of device pins are negative; all voltages are referenced to device ground
unless specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com