Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS5VM Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSS5VM
Description  cUL Recognized to IEC60601-1-8 AMD1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSS5VM Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSS5VM Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
cUL Recognized
*Ipk = Instantaneous Peak
Specifications:
cUL Recognized to IEC60601-1-8 AMD1
Mallory Sonalert Products,Inc.
MSS5VM
Sales Outline Drawing
D
Sound Level Category:
Loud
Mode of Operation:
Ventilation Melody - Medium Priority Medium Priority Alarm 3 beeps repeating every 7.5 sec
Voltage Rating:
5 ± 0.5 VDC
Loudness @ 10cm:
85 to 95 dB(A) Typ.
Frequency:
150 to 4000 Hz
Average Current Draw:
<200mA Typ.
Ipk Current*:
400mA
Housing Material:
Valox (UL94V-0), Color: Black
Storage Temperature:
-30° to +60° C
Operating Temperature:
-30° to +55° C
Weight Typical:
6.0g
Options:
Please contact factory.
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mspindy.com
Dimensions:
Inches (mm)
ROHS Compliant
PATENT NUMBER: 7880593
M a d e i n U . S . A .
SO N A LERT
R


Similar Part No. - MSS5VM

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSS5VMCFP MSPI-MSS5VMCFP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VMCMP MSPI-MSS5VMCMP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VMCSP MSPI-MSS5VMCSP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VMHCT MSPI-MSS5VMHCT Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
MSS5VMHFP MSPI-MSS5VMHFP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Ventilation Melody
More results

Similar Description - MSS5VM

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SBT12EHCFPPC MSPI-SBT12EHCFPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12MMVPC MSPI-SBT12MMVPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12MMXPC MSPI-SBT12MMXPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12PLHCTPC MSPI-SBT12PLHCTPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12PLMMPPC MSPI-SBT12PLMMPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12PMHFPPC MSPI-SBT12PMHFPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12PMHMPPC MSPI-SBT12PMHMPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12PMHSPPC MSPI-SBT12PMHSPPC Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12PMPC MSPI-SBT12PMPC Datasheet
83Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
SBT12TMFL MSPI-SBT12TMFL Datasheet
85Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com