Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G1M6 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST72F264G1M6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G1M6 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST72F264G1M6 Datasheet HTML 40Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 41Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 42Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 43Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 44Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 45Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 46Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 47Page - STMicroelectronics ST72F264G1M6 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
44/172
I/O PORTS (Cont’d)
Table 10. I/O Port Register Map and Reset Values
Address
(Hex.)
Register
Label
76543
210
Reset Value
of all I/O port registers
000
00
000
0000h
PCDR
MSB
LSB
0001h
PCDDR
0002h
PCOR
0004h
PBDR
MSB
LSB
0005h
PBDDR
0006h
PBOR
0008h
PADR
MSB
LSB
0009h
PADDR
000Ah
PAOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com