Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSS5XHCSP Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSS5XHCSP
Description  cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSS5XHCSP Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSS5XHCSP Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
*Ipk = Instantaneous Peak
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
85 to 95 dB(A) Typ.
85 to 95 dB(A) Typ.
85 to 95 dB(A) Typ.
cUL Recognized to IEC60601-1-8 AMD1
Mallory Sonalert Products,Inc.
MSS5XHCSP
Sales Outline Drawing
D
Specifications:
Oxygen Melody
Weight Typical:
6.0g
Options:
Please contact factory.
Sound Level Category:
Silent
Loud
Loud
Loud
Mode of Operation:
Silent
Continuous
Slow Pulse @ 1PPS
High Priority Alarm
10
beeps repeating every 2.5
seconds
Loudness @ 10cm:
Silent
400mA
Connection:
Connect " + " to " + "
& " - " to " - " of
Power Supply
Connect " + " to " + " &
" - " & Low to " - " of
Power Supply
www.mspindy.com
Connect " + " to " + " &
" - " & Medium to
" - "
of Power Supply
Connect " + " to " + " & " -
" & High to " - "
of
Power Supply
Voltage Rating:
5 ± 0.5 VDC
Average Current Draw:
<20mA Typ.
<225mA Typ.
<225mA Typ.
<150mA Typ.
PATENT NUMBER: 7880593
Dimensions:
Inches [mm]
cUL Recognized
ROHS Compliant
Silent
2500 ± 300Hz
2500 ± 300Hz
150 to 4000 Hz
Operating Temperature:
-30° to +55° C
Frequency:
Housing Material:
Valox (UL94V-0), Octagonal, Black
Storage Temperature:
-30° to +60° C
Ipk Current*:
SO N A LERT
M a d e i n U . S . A .
R


Similar Part No. - MSS5XHCSP

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSS5XHCFP MSPI-MSS5XHCFP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
MSS5XHCMP MSPI-MSS5XHCMP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1
More results

Similar Description - MSS5XHCSP

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSS5X MSPI-MSS5X Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XLHMP MSPI-MSS5XLHMP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XLHSP MSPI-MSS5XLHSP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XLMFP MSPI-MSS5XLMFP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XLMSP MSPI-MSS5XLMSP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XMCFP MSPI-MSS5XMCFP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XMCMP MSPI-MSS5XMCMP Datasheet
56Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XMHCT MSPI-MSS5XMHCT Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XMHMP MSPI-MSS5XMHMP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
MSS5XMHSP MSPI-MSS5XMHSP Datasheet
57Kb / 1P
cUL Recognized to IEC60601-1-8 AMD1 Oxygen Melody
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com