Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G2B6 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST72F264G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2B6 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST72F264G2B6 Datasheet HTML 28Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 29Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 30Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 31Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 32Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 33Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 34Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 35Page - STMicroelectronics ST72F264G2B6 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
32/172
INTERRUPTS (Cont’d)
Table 5. Interrupt Mapping
Note 1. Configurable by option byte.
Table 6. Nested Interrupts Register Map and Reset Values
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software Interrupt
no
FFFCh-FFFDh
0
ei0
External Interrupt Port A7..0 (C5..01)
yes
FFFAh-FFFBh
1
ei1
External Interrupt Port B7..0 (C5..01)
FFF8h-FFF9h
2
Not used
FFF6h-FFF7h
3
SPI
SPI Peripheral Interrupts
SPISR
yes
FFF4h-FFF5h
4
TIMER A
TIMER A Peripheral Interrupts
TASR
no
FFF2h-FFF3h
5
MCC
Time base interrupt
MCCSR
yes
FFF0h-FFF1h
6
TIMER B
TIMER B Peripheral Interrupts
TBSR
no
FFEEh-FFEFh
7
AVD
Auxiliary Voltage Detector interrupt
SICSR
FFECh-FFEDh
8
Not used
FFEAh-FFEBh
9
Not used
FFE8h-FFE9h
10
SCI
SCI Peripheral Interrupt
SCISR
no
FFE6h-FFE7h
11
I2C
I2C Peripheral Interrupt
I2CSRx
no
FFE4h-FFE5h
12
Not Used
FFE2h-FFE3h
13
Not Used
FFE0h-FFE1h
Address
(Hex.)
Register
Label
76543
210
001Ch
ISPR0
Reset Value
SPI
Not Used
EI1
EI0
I1_3
1
I0_3
1
I1_2
1
I0_2
1
I1_1
1
I0_1
1
I1_0
1
I0_0
1
001Dh
ISPR1
Reset Value
AVD
TIMERB
MCC
TIMERA
I1_7
1
I0_7
1
I1_6
1
I0_6
1
I1_5
1
I0_5
1
I1_4
1
I0_4
1
001Eh
ISPR2
Reset Value
I2C
SCI
Not Used
Not Used
I1_11
1
I0_11
1
I1_10
1
I0_10
1
I1_9
1
I0_9
1
I1_8
1
I0_8
1
001Fh
ISPR3
Reset Value
1111
Not Used
Not Used
I1_13
1
I0_13
1
I1_12
1
I0_12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com