Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G2H1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72F264G2H1
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72F264G2H1 Datasheet HTML 5Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 6Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 7Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 8Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 9Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 10Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 11Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 12Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
9/172
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is a pull-up interrupt in-
put, otherwise the configuration is a floating interrupt input. Port C is mapped to ei0 or ei1 by option byte.
2. In the open drain output column, “T” defines a true open drain I/O (P-Buffer and protection diode to VDD
are not implemented). See Section 9 "I/O PORTS" on page 38 for more details.
3. OSC1 and OSC2 pins connect a crystal or ceramic resonator, or an external source to the on-chip os-
cillator see Section 2 "PIN DESCRIPTION" on page 6 and Section 6.2 "MULTI-OSCILLATOR (MO)" on
page 21 for more details.
4: For details refer to Section 13.8 on page 144
15
13 E2 PC4/OCMP2_B/AIN4
I/O
CT
X
ei0/ei1
X
X
X
Port C4
Timer B Output Compare 2 or
ADC Analog Input 4
16
14
F3 PC3/ ICAP2_B/AIN3
I/O
CT
X
ei0/ei1
X
X
X
Port C3
Timer B Input Capture 2 or
ADC Analog Input 3
17
15 E3 PC2/MCO/AIN2
I/O
CT
X
ei0/ei1
X
X
X
Port C2
Main clock output (fCPU) or
ADC Analog Input 2
18
16
F4 PC1/OCMP1_B/AIN1
I/O
CT
X
ei0/ei1
X
X
X
Port C1
Timer B Output Compare 1 or
ADC Analog Input 1
19
17 D3 PC0/ICAP1_B/AIN0
I/O
CT
X
ei0/ei1
X
X
X
Port C0
Timer B Input Capture 1 or
ADC Analog Input 0
20
18 E4 PA7/TDO
I/O CT HS X
ei0
X
X
Port A7
SCI output
21
19
F5 PA6/SDAI
I/O CT HS X
ei0
T
Port A6
I2C DATA
22
20
F6 PA5 /RDI
I/O CT HS X
ei0
X
X
Port A5
SCI input
23
21 E6 PA4/SCLI
I/O CT HS X
ei0
T
Port A4
I2C CLOCK
24
E5 NC
Not Connected
25
D6 NC
D5 NC
26
22 C6 PA3
I/O CT HS X
ei0
X
X
Port A3
27
23 D4 PA2
I/O CT HS X
ei0
X
X
Port A2
C5 NC
Not Connected
B6 NC
28
24 A6 PA1/ICCDATA
I/O CT HS X
ei0
X
X
Port A1
In Circuit Communication Data
29
25 A5 PA0/ICCCLK
I/O CT HS X
ei0
X
X
Port A0
In Circuit Communication
Clock
30
26 B5 ICCSEL
I
CT
X
ICC mode pin, must be tied low
31
27 A4 VSS
S
Ground
32
28 B4 VDD
S
Main power supply
Pin n°
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com