Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G2H1 Datasheet(PDF) 139 Page - STMicroelectronics

Part # ST72F264G2H1
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H1 Datasheet(HTML) 139 Page - STMicroelectronics

Back Button ST72F264G2H1 Datasheet HTML 135Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 136Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 137Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 138Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 139Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 140Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 141Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 142Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 143Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
139/172
CLOCK CHARACTERISTICS (Cont’d)
13.5.5 PLL Characteristics
Note:
1. Data characterized but not tested.
Figure 74. PLL Jitter vs. Signal frequency1
The user must take the PLL jitter into account in
the application (for example in serial communica-
tion or sampling of high frequency signals). The
PLL jitter is a periodic effect, which is integrated
over several CPU cycles. Therefore the longer the
period of the application signal, the less it will be
impacted by the PLL jitter.
Figure 74 shows the PLL jitter integrated on appli-
cation signals in the range 125kHz to 2MHz. At fre-
quencies of less than 125KHz, the jitter is negligi-
ble.
Note 1: Measurement conditions: fCPU = 4MHz, TA= 25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(PLL)
PLL Operating Range
TA 0 to 70°C
3.5
5.5
V
TA -40 to +85°C
4.5
5.5
fOSC
PLL input frequency range
2
4
MHz
∆ f
CPU/fCPU
Instantaneous PLL jitter 1)
fOSC = 4 MHz.
1.0
2.5
%
fOSC = 2 MHz.
2.5
4.0
%
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
2000
1000
500
250
125
Application Signal Frequency (KHz)
PLL ON
PLL OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com