Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G2H1 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST72F264G2H1
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H1 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST72F264G2H1 Datasheet HTML 153Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 154Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 155Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 156Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 157Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 158Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 159Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 160Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
157/172
13.12 10-BIT ADC CHARACTERISTICS
VDD= 2.7 to 5.5V, TA = -40°C to 85°C, unless otherwise specified
Figure 97. RAIN max. vs fADC with CAIN=0pF
2)
Figure 98. Recommended CAIN/RAIN values
3)
Figure 99. Analog Input equivalent circuit
Notes:
1. Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than 10k
Ω). Data
based on characterization results, not tested in production.
2. CPARASITIC represents the capacitance of the PCB (dependent on soldering and PCB layout quality) plus the pad ca-
pacitance (3pF). A high CPARASITIC value will downgrade conversion accuracy. To remedy this, fADC should be reduced.
3. This graph shows that depending on the input signal variation (fAIN), CAIN can be increased for stabilization time and
decreased to allow the use of a larger serial resistor (RAIN). It is valid for all fADC frequencies ≤ 4MHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fADC
ADC clock frequency
0.5
4MHz
VAIN
Conversion voltage range
VSS
VDD
V
CADC
Internal sample and hold capacitor
6
pF
tCONV
Conversion time
FLASH, fADC=4MHz
28
µs
112
1/fADC
ROM, fADC=4MHz
3.5
µs
14
1/fADC
RAIN
External input impedance
see
Figure 97
and
Figure
981)2)3)
k
Ω
CAIN
External capacitor on analog input
pF
fAIN
Variation frequency of analog input
signal
Hz
0
5
10
15
20
25
30
35
40
45
010
30
70
CPARASITIC (pF)
4 MHz
2 MHz
1 MHz
0.1
1
10
100
1000
0.01
0.1
1
10
fAIN(KHz)
Cain 10 nF
Cain 22 nF
Cain 47 nF
AINx
ST72XXX
VDD
IL
±1
µA
VT
0.6V
VT
0.6V
CADC
6pF
VAIN
RAIN
10-Bit A/D
Conversion
2k
Ω(max)
CAIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com