Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F264G2H1 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST72F264G2H1
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F264G2H1 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST72F264G2H1 Datasheet HTML 158Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 159Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 160Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 161Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 162Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 163Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 164Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 165Page - STMicroelectronics ST72F264G2H1 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
162/172
15 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in user pro-
grammable versions (FLASH) as well as in factory
coded versions (ROM/FASTROM).
ST7226x devices are ROM versions. ST72P26x
devices are Factory Advanced Service Technique
ROM (FASTROM) versions: they are factory-pro-
grammed XFlash devices.
ST72F26x XFlash devices are shipped to custom-
ers with a default program memory content (FFh).
The option bytes are programmed to enable the in-
ternal RC oscillator. The ROM/FASTROM factory
coded parts contain the code supplied by the cus-
tomer. This implies that FLASH devices have to be
configured by the customer using the Option Bytes
while the ROM/FASTROM devices are factory-
configured.
15.1 OPTION BYTES
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes have no address in the memory
map and can be accessed only in programming
mode (for example using a standard ST7 program-
ming tool). The default content of the FLASH is
fixed to FFh.
In masked ROM devices, the option bytes are
fixed in hardware by the ROM code (see option
list).
USER OPTION BYTE 0
OPT 7 = WDG HALT Watchdog reset on HALT
This option bit determines if a RESET is generated
when entering HALT mode while the Watchdog is
active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
OPT 6 = WDG SW Hardware or software watch-
dog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT 5:4 = VD[1:0] Voltage detection selection
These option bits enable the voltage detection
block (LVD and AVD) with a selected threshold of
the LVD and AVD.
OPT 3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 ac-
cording to the following table.
Note 1: 4k available on FASTROM devices only.
OPT 1 = FMP_R Read-out protection
Read-out protection, when selected, provides a
protection against Program Memory content ex-
traction and against write access to Flash memo-
ry.
Erasing the option bytes when the FMP_R option
is selected will cause the whole memory to be
erased first, and the device can be reprogrammed.
Refer to Section 4.5 and the ST7 Flash Program-
ming Reference Manual for more details.
0: Read-out protection off
1: Read-out protection on
Configuration
VD1
VD0
LVD Off
11
Lowest Voltage Threshold (
∼3.05V)
1
0
Medium Voltage Threshold (
∼3.6V)
01
Highest Voltage Threshold (
∼4.1V)
00
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2
10
4k 1)
11
USER OPTION BYTE 0
70
USER OPTION BYTE 1
70
WDG
HALT
WDG
SW
VD1
VD0
SEC
1
SEC
0
FMP
R
FMP
W
EXTIT Res.
OSC
TYPE
1
OSC
TYPE
0
OSC
RNGE
2
OSC
RNGE
1
OSC
RNGE
0
PLL
OFF
Default
Value
111111
00
1
1
1
0
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com