Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G2B6 Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST72F262G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2B6 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST72F262G2B6 Datasheet HTML 164Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 165Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 166Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 167Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 168Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 169Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 170Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 171Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 172Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 168 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
168/172
16 KNOWN LIMITATIONS
16.1 ALL FLASH AND ROM DEVICES
16.1.1 16-bit timer PWM Mode
In PWM mode, the first PWM pulse is missed after
writing the value FFFCh in the OC12R register.In
PWM mode, the first PWM pulse is missed after
writing the value FFFCh in the OC1R register
(OC1HR, OC1LR). It leads to either full or no PWM
during a period, depending on the OLVL1 and
OLVL2 settings.
16.1.2
Clearing
active
interrupts
outside
interrupt routine
When an active interrupt request occurs at the
same time as the related flag or interrupt mask is
being cleared, the CC register may be corrupted.
Concurrent interrupt context
The symptom does not occur when the interrupts
are handled normally, i.e. when:
– The interrupt request is cleared (flag reset or in-
terrupt mask) within its own interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) within any interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) in any part of the code while this in-
terrupt is disabled
If these conditions are not met, the symptom can
be avoided by implementing the following se-
quence:
Perform SIM and RIM operation before and after
resetting an active interrupt request
Ex:
SIM
reset flag or interrupt mask
RIM
Nested interrupt context
The symptom does not occur when the interrupts
are handled normally, i.e. when:
– The interrupt request is cleared (flag reset or in-
terrupt mask) within its own interrupt routine
– The interrupt request is cleared (flag reset or in-
terrupt mask) within any interrupt routine with
higher or identical priority level
– The interrupt request is cleared (flag reset or in-
terrupt mask) in any part of the code while this in-
terrupt is disabled
If these conditions are not met, the symptom can
be avoided by implementing the following se-
quence:
PUSH CC
SIM
reset flag or interrupt mask
POP CC
16.1.3 I2C Multimaster
In multimaster configurations, if the ST7 I2C re-
ceives a START condition from another I2C mas-
ter after the START bit is set in the I2CCR register
and before the START condition is generated by
the ST7 I2C, it may ignore the START condition
from the other I2C master. In this case, the ST7
master will receive a NACK from the other device.
On reception of the NACK, ST7 can send a re-start
and Slave address to re-initiate communication
16.1.4 Functional EMS
The functional EMS (Electro Magnetic Susceptibil-
ity) severity level/behaviour class is 2B as defined
in application note AN1709.
Special care should be taken when designing the
PCB layout and firmware (refer to application
notes AN898, AN901 and AN1015) in sensitive
applications (that use switches for instance). For
more information refer to application note AN1637.
16.2 FLASH DEVICES ONLY
16.2.1 Execution of BTJX instruction
When testing the address $FF with the "BTJT" or
"BTJF" instructions, the CPU may perform an in-
correct operation when the relative jump is nega-
tive and performs an address page change.
To avoid this issue, including when using a C com-
piler, it is recommended to never use address
$00FF as a variable (using the linker parameter for
example).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com