Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72F262G2B6 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST72F262G2B6
Description  8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F262G2B6 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST72F262G2B6 Datasheet HTML 164Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 165Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 166Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 167Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 168Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 169Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 170Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 171Page - STMicroelectronics ST72F262G2B6 Datasheet HTML 172Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 170 / 172 page
background image
ST72260Gx, ST72262Gx, ST72264Gx
170/172
bit) accuracy does not meet the accuracy specified
in the data sheet.
Workaround
In order to have the accuracy specified in the da-
tasheet, the first conversion after a ADC switch-on
has to be ignored.
16.2.11 Negative injection impact on ADC
accuracy
Injecting a negative current on an analog input
pins significantly reduces the accuracy of the AD
Converter. Whenever necessary, the negative in-
jection should be prevented by the addition of a
Schottky diode between the concerned I/Os and
ground.
Injecting a negative current on digital input pins
degrades ADC accuracy especially if performed
on a pin close to ADC channel in use.
16.2.12 ADC conversion spurious results
Spurious conversions occur with a rate lower than
50 per million. Such conversions happen when the
measured voltage is just between 2 consecutive
digital values.
Workaround
A software filter should be implemented to remove
erratic conversion results whenever they may
cause unwanted consequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com