Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT-63V101MHC5EXN-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # HT-63V101MHC5EXN-R2
Description  CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HT-63V101MHC5EXN-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  HT-63V101MHC5EXN-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HT-63V101MHC5EXN-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1101M4EFK5002EX (Previous PN: HT-63V101MHC5EXN-R2)
Features
Item Summary
100uF±20%, 63V, φ10x12.5mm, SMD
Lifecycle Stage
Mass Production (Preferred)
AEC-Q200 qualified
Standard packaging quantity (minimum)
400
Products characteristics table
Capacitance
100 uF ± 20 %
Rated Voltage
63 V
tanδ (max)
0.08
Operating Temp. Range
-55 to +105 ℃
Leakage current (min)
63 uA at 2 min
Rated Ripple (max)
2500 mArms at 100k Hz / 105 ℃
Impedance ratio
1.5
___[-25℃/+20℃]
Impedance ratio
2
___[-55℃/+20℃]
ESR (max)
26 mΩ at 100k Hz / 20 ℃
Endurance
10000 hr at 105 ℃
___[Test time]
Endurance
Within ±30% of initial value
___[Capacitance change]
Endurance
200% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
for Vibration (SMD)
Type
Conductive Polymer Hybrid
RoHS Compliance (10 subst.)
Yes
REACH Compliance (235 subst.)
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ10 ±0.5 mm
Dimension L
12.5 ±0.5 mm
Dimension P (F)
Typ 4.7 mm
Dimension C (d)
Typ 3.3 mm
2023.09.13
1 / 1


Similar Part No. - HT-63V101MHC5EXN-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HT-63V101MHC5EX-R2 TAIYO-YUDEN-HT-63V101MHC5EX-R2 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1]
HT-63V101MHC5EXQ-R2 TAIYO-YUDEN-HT-63V101MHC5EXQ-R2 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE POWERTRAIN AND SAFETY
More results

Similar Description - HT-63V101MHC5EXN-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RCHT1100M4EDC8002 TAIYO-YUDEN-RCHT1100M4EDC8002 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1101M1LDC8002 TAIYO-YUDEN-RCHT1101M1LDC8002 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1101M1TDE7002 TAIYO-YUDEN-RCHT1101M1TDE7002 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1151M1GEH0002 TAIYO-YUDEN-RCHT1151M1GEH0002 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1220M1UDC8002 TAIYO-YUDEN-RCHT1220M1UDC8002 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1221M1TEH0002 TAIYO-YUDEN-RCHT1221M1TEH0002 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1470M1GDC8002 TAIYO-YUDEN-RCHT1470M1GDC8002 Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1821M1JFH0002X TAIYO-YUDEN-RCHT1821M1JFH0002X Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1221M1LDE7002E TAIYO-YUDEN-RCHT1221M1LDE7002E Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
RCHT1331M1JDE7002E TAIYO-YUDEN-RCHT1331M1JDE7002E Datasheet
372Kb / 2P
CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HT1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com