Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTE Datasheet(PDF) 3 Page - Lapp.

Part # PTE
Description  FLEXIMARK Character holders PTE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

PTE Datasheet(HTML) 3 Page - Lapp.

  PTE Datasheet HTML 1Page - Lapp. PTE Datasheet HTML 2Page - Lapp. PTE Datasheet HTML 3Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DATA SHEET
Valid from:
02.05.2019
FLEXIMARK Character holders PTE
Creator: Fleximark/LR
Document: DB83251060EN
Version: 02
Page 3 of 3
No.: 0019/0894
Related products
With the FLEXIMARK Plier for Character holders you can both cut your holders into desired length, punch both holes for
cable tie mounting and center hole for screw mounting.
FLEXIMARK® Character holders are used together with 3M™ DYMO™ Industrial marking labels (vinyl, polyester, glue-free,
nylon) or different FLEXIMARK Marking systems. All of the related products are available in our assortment.
Following FLEXIMARK Marking systems or solutions are recommended for FLEXIMARK Character holders PTE and PTES:
Article no.
Article description
Recommended
FLEXIMARK Marking systems
83253014
PTE 6-285
3M™ DYMO™ Marking label 6mm
83253012
PTE 6-1000
3M™ DYMO™ Marking label 6mm
83259950
PTE 6-10m
3M™ DYMO™ Marking label 6mm
83252081
PTE 9.5-285
3M™ DYMO™ Marking label 9,5mm
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5mm
83252084
PTE 9.5-1000
3M™ DYMO™ Marking label 9,5mm
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5mm
83259951
PTE 9.5-10m
3M™ DYMO™ Marking label 9,5mm
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 9,5mm
83252028
PTE 12-285
3M™ DYMO™ Marking label 12mm
83252027
PTE 12-1000
3M™ DYMO™ Marking label 12mm
83259952
PTE 12-10m
3M™ DYMO™ Marking label 12mm
83251060
PTE 19-285
3M™ DYMO™ Marking label 19mm
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 19mm
83251061
PTE 19-1000
3M™ DYMO™ Marking label 19mm
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 19mm
83259953
PTE 19-5m
3M™ DYMO™ Marking label 19mm
FLEXIMARK MINI Marking system
FLEXIMARK Flexilabel 19mm
83252508
PTE 25-285
3M™ DYMO™ Marking label 25mm
83252510
PTE 25-1000
3M™ DYMO™ Marking label 25mm
83259954
PTE 25-5m
3M™ DYMO™ Marking label 25mm
Note:
Pictures are not to scale and do not represent detailed images of each product.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com