Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP174AGJ Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MP174AGJ
Description  700V Non-Isolated Off-Line Regulator,Up to 400mA Output Current with Improved EMI Performance
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP174AGJ Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MP174AGJ Datasheet HTML 1Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 2Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 3Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 4Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 5Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 6Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 7Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 8Page - MPS Industries, Inc. MP174AGJ Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
MP174A – NON-ISOLATED OFF-LINE REGULATOR
MP174A Rev. 1.0
www.MonolithicPower.com
2
2/27/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP174AGJ*
TSOT23-5
See Below
MP174AGS**
SOIC-8
See Below
* For Tape & Reel, add suffix –Z (e.g. MP174AGJ–Z).
** For Tape & Reel, add suffix –Z (e.g. MP174AGS–Z).
TOP MARKING (MP174AGJ)
BJK: Product code of MP174AGJ
Y: Year code
TOP MARKING (MP174AGS)
MP174A: Part number
LLLLLLLL: Lot number
MPS: MPS prefix
Y: Year code
WW: Week code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com