Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5921GV Datasheet(PDF) 21 Page - MPS Industries, Inc.

Part # MP5921GV
Description  16V, 50A, 1mΩ RDS(ON), Hot-Swap Intelli-Fuse Solution
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP5921GV Datasheet(HTML) 21 Page - MPS Industries, Inc.

Back Button MP5921GV Datasheet HTML 17Page - MPS Industries, Inc. MP5921GV Datasheet HTML 18Page - MPS Industries, Inc. MP5921GV Datasheet HTML 19Page - MPS Industries, Inc. MP5921GV Datasheet HTML 20Page - MPS Industries, Inc. MP5921GV Datasheet HTML 21Page - MPS Industries, Inc. MP5921GV Datasheet HTML 22Page - MPS Industries, Inc. MP5921GV Datasheet HTML 23Page - MPS Industries, Inc. MP5921GV Datasheet HTML 24Page - MPS Industries, Inc. MP5921GV Datasheet HTML 25Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
MP5921
– 16V, 50A, 1mΩ RDS(ON), HOT-SWAP INTELLI-FUSE SOLUTION
MP5921 Rev. 1.1
www.MonolithicPower.com
21
5/17/2022
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2022 MPS. All Rights Reserved.
Input and Output Transient Protection
The hot-swap system experiences positive
transients on the input during a hot plug or rapid
turn-off with high current due to parasitic
inductance in the input circuit. For
input
transient
protection,
a
transient
voltage
suppressor (TVS) diode may be required on the
input to limit transient voltages below the
absolute maximum ratings.
The output may experience negative transients
during rapid turn off with high current due to
inductance in the output circuit. If a transient
makes OUT more negative, the power FET may
not turn off properly.
An output voltage clamp diode is required on
the output to limit negative transients. Select a
Schottky diode with a low forward voltage.
Current Sense Output (CS)
CS provides a current proportional to the output
current (the current through the power device).
The gain of the current sense is 10
μA/A when
the power FET is fully on. There is a resistor
(RCS) connected on CS to form an external
voltage. Determine a proper reference voltage
with Equation (5) and Equation (6):
ICS = IOUT*10µA/A
(5)
VCS = ICS*RCS
(6)
Once VCS reaches the CLREF current limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the power FET
constant.
Current Monitor Output (IMON)
The gain of the current monitor is 10
μA/A.
There is a resistor (RIMON) connected from
IMON to ground. The IMON voltage range of
0V to 1.6V is required to keep IMON’s output
current
linearly
proportional
to
the
output
current. Determine a proper reference voltage
with Equation (7) and Equation (8):
IMON = IOUT*10µA/A
(7)
VIMON = IMON*RIMON
(8)
The MP5921 current monitor output can be
used by the controller to accurately monitor the
output current. Place a 100nF capacitor from
IMON to GND to smooth the indicator voltage.
Connect a 2
kΩ resistor (RIMON) to ground to set
the gain of the output, which is about 20mV per
ampere. For the best accuracy, use resistors
within 1%.
Current Balance for Parallel Operation
Multiple MP5921 devices can be used in
parallel for higher current applications. The
current balance loop in the MP5921 is used to
balance the start-up current per active channel.
All IMON pins must be connected together.
The sensed current from each active MP5921
IMON is summed together and divided by the
number
of
active
channels.
The
resulting
average load current provides a measure of the
total load current. The MP5921 current balance
is achieved by comparing the sensed current of
CS in each MP5921 to the average current to
make an appropriate adjustment to the power
FET gate voltage of each Intelli-Fuse during
start-up. The equivalent average IMON resistor
can be calculated by RCS/N, where N is the
number of active MP5921 devices.
Start-up
current
balance
is
essential
in
achieving the thermal advantage of paralleling
operation. With good current balance, the
power loss is dissipated equally over multiple
devices and a greater area.
Temperature Sense Output (VTEMP)
VTEMP reports the junction temperature when
there is no thermal gradient on the IC. VTEMP
is a voltage output proportional to the junction
temperature whenever VDD3 is higher than its
UVLO threshold and the MP5921 is in active
mode. The VTEMP output voltage is 8.7 mV/°C
with a 152.5mV offset and can be calculated
with Equation (9):
VTEMP = TJUNCTION*8.7mV+152.5mV
(9)
For example, if the junction temperature is
100°C, the VTEMP voltage is about 1.022V. If
VTEMP is 0V, the junction temperature is about
-18°C. The total temperature sense range is
-18°C to 140°C. When the junction temperature
is below -18°C, VTEMP remains at 0V.
In multi-fuse operation, the VTEMP pins of each
Intelli-Fuse
can
be
connected
to
the
temperature monitor pin of the controller (see
Figure 11).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com