Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8792GLE Datasheet(PDF) 17 Page - MPS Industries, Inc.

Part # MP8792GLE
Description  16V, 12A, Synchronous Step-Down Converter with Adjustable Current Limit,Configurable Frequency, and Voltage Tracking
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP8792GLE Datasheet(HTML) 17 Page - MPS Industries, Inc.

Back Button MP8792GLE Datasheet HTML 12Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 13Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 14Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 15Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 16Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 17Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 18Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 19Page - MPS Industries, Inc. MP8792GLE Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
MP8792 – 16V, 12A, SYNCHRONOUS STEP-DOWN CONVERTER
MP8792 Rev. 1.0
www.MonolithicPower.com
17
12/2/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Input Capacitor
The step-down converter has a discontinuous
input current, and requires a capacitor to supply
the
AC
current
to
the
converter
while
maintaining the DC input voltage. Use ceramic
capacitors
for
optimal
performance.
While
designing the PCB layout, place the input
capacitors as close to IN as possible.
The capacitance can vary significantly with
temperature. Use capacitors with X5R and X7R
ceramic dielectrics because they are fairly
stable over a wide temperature range, and they
offer low ESR.
The capacitors must have a ripple current rating
that exceeds the converter’s maximum input
ripple current. Estimate the input ripple current
with Equation (8):
)
1
(
IN
OUT
IN
OUT
OUT
CIN
V
V
V
V
I
I
(8)
The worst-case condition occurs at VIN = 2VOUT,
calculated with Equation (9):
2
I
I
OUT
CIN 
(9)
For simplification, choose an input capacitor
with an RMS current rating that exceeds half
the maximum load current. The input capacitor
value determines the converter input voltage
ripple. If there is an input voltage ripple
requirement in the system, select an input
capacitor that meets the specification.
Estimate the input voltage ripple with Equation
(10):
)
1
(
IN
OUT
IN
OUT
IN
SW
OUT
IN
V
V
V
V
C
f
I
V
(10)
The worst-case condition occurs when VIN =
2VOUT, calculated with Equation (11):
IN
SW
OUT
IN
C
f
I
V
4
1
(11)
Selecting the Output Capacitor
The output capacitor maintains the DC output
voltage. Use POSCAP or ceramic capacitors.
Estimate the output voltage ripple with Equation
(12):
)
8
1
(
)
1
(
OUT
SW
ESR
IN
OUT
SW
OUT
OUT
C
f
R
V
V
L
f
V
V
(12)
When
using
ceramic
capacitors,
the
capacitance dominates the impedance at the
switching frequency and causes most of the
output
voltage
ripple.
For
simplification,
estimate the output voltage ripple with Equation
(13):
)
1
(
8
2
IN
OUT
OUT
SW
OUT
OUT
V
V
C
L
f
V
V
(13)
The ESR dominates the switching frequency
impedance for the POSCAP capacitors. For
simplification,
the
output
ripple
can
be
calculated with Equation (14):
ESR
IN
OUT
SW
OUT
OUT
R
V
V
L
f
V
V
)
1
(
(14)
Selecting the Inductor
The inductor supplies constant current to the
output load while being driven by the switching
input voltage. A larger-value inductor results in
less ripple current and lower output ripple
voltage. However, it has a larger physical size,
a
higher
series
resistance,
and
a
lower
saturation current. It is usually recommended to
select an inductor value that allows the inductor
peak-to-peak ripple current to be 30% to 40% of
the maximum switch current limit. Design for a
peak
inductor
current
that
is
below
the
maximum switch current limit.
Calculate the
inductance value using Equation (15):
)
1
(
IN
OUT
L
SW
OUT
V
V
I
f
V
L
(15)
Where
∆IL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor
current
can
be
calculated
with
Equation (16):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com