Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPQ20073 Datasheet(PDF) 2 Page - MPS Industries, Inc.

Part # MPQ20073
Description  2A, 1.3V–6.0V DDR Memory Termination Regulator AEC-Q100 Qualified
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MPQ20073 Datasheet(HTML) 2 Page - MPS Industries, Inc.

  MPQ20073 Datasheet HTML 1Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 2Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 3Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 4Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 5Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 6Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 7Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 8Page - MPS Industries, Inc. MPQ20073 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MPQ20073 – 2A, 1.3V-6.0V INPUT, DDR MEMORY TERMINATION REGUALTOR AEC-Q100 QUALIFIED
MPQ20073 Rev. 1.01
www.MonolithicPower.com
2
4/23/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MPQ20073DH*
MSOP8E
See Below
MPQ20073DH-AEC1**
MSOP8E
* For Tape & Reel, add suffix –Z (e.g. MPQ20073DH–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MPQ20073DH–LF–Z)
** For Tape & Reel, add suffix –Z (e.g. MPQ20073DH-AEC1–Z);
For RoHS Compliant Packaging, add suffix –LF (e.g. MPQ20073DH-AEC1–LF–Z)
TOP MARKING
Y: year code;
W: week code:
LLL: lot number;
20073: first five digits of the part number;
PACKAGE REFERENCE
DDQ
VTT
GND
VTTSEN
1
2
3
4
8
7
6
5
VTTREF
EN
REF
VDRV
TOP VIEW
EXPOSED PAD
ON BACKSIDE
MSOP8E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com