Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NB650 Datasheet(PDF) 20 Page - MPS Industries, Inc.

Part # NB650
Description  High-Effeciency, Fast-Transient, 6A, 28V Synchronous Step-Down Converters with 2-Bit VID
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

NB650 Datasheet(HTML) 20 Page - MPS Industries, Inc.

Back Button NB650 Datasheet HTML 12Page - MPS Industries, Inc. NB650 Datasheet HTML 13Page - MPS Industries, Inc. NB650 Datasheet HTML 14Page - MPS Industries, Inc. NB650 Datasheet HTML 15Page - MPS Industries, Inc. NB650 Datasheet HTML 16Page - MPS Industries, Inc. NB650 Datasheet HTML 17Page - MPS Industries, Inc. NB650 Datasheet HTML 18Page - MPS Industries, Inc. NB650 Datasheet HTML 19Page - MPS Industries, Inc. NB650 Datasheet HTML 20Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
NB650/NB650H
– 6A, 28V, FAST-TRANSIENT, SYNCHRONOUS STEP-DOWN CONVERTERS
NOTICE: The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
NB650/NB650H Rev. 1.13
www.MonolithicPower.com
20
10/7/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
Preliminary Specifications Subject to Change
© 2019 MPS. All Rights Reserved.
PACKAGE INFORMATION
QFN17 (3 x 4mm)
SIDE VIEW
TOP VIEW
1
17
8
2
BOTTOM VIEW
2.90
3.10
3.90
4.10
0.80
BSC
0.80
1.00
0.00
0.05
0.20 REF
PIN 1 ID
MARKING
0.80
RECOMMENDED LAND PATTERN
1.00
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) EXPOSED PADDLE SIZE DOES NOT
INCLUDE MOLD FLASH.
3) LEAD COPLANARITY SHALL BE 0.10
MILLIMETER MAX.
4) JEDEC REFERENCE IS MO-220.
5) DRAWING IS NOT TO SCALE.
0.70
0.20
0.30
PIN 1 ID
INDEX AREA
0.50
0.70
1.00
BSC
12
3
0.20
0.30
0.35
0.45
9
11
0.80
0.25
PACKAGE OUTLINE DRAWING FOR 17L FCQFN (3X4MM)
MF-PO-D-0091 revision 1.0
0.80
BSC
0.50
BSC
2.90
3.90
0.60
0.50
0.35
0.45
0.70
0.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com