Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REL-150-3003 Datasheet(PDF) 2 Page - Integrated Power Designs Inc.

Part # REL-150-3003
Description  150 WATTS SINGLE/MULTI OUTPUT AC-DC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

REL-150-3003 Datasheet(HTML) 2 Page - Integrated Power Designs Inc.

  REL-150-3003 Datasheet HTML 1Page - Integrated Power Designs Inc. REL-150-3003 Datasheet HTML 2Page - Integrated Power Designs Inc. REL-150-3003 Datasheet HTML 3Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
0
10
20
30
40
50
60
70
Ambient Temperature (C)
F O R C E D
A I R
C O O L I N G
C O N V E C T I O N
C O O L I N G
C O N V E C T I O N
C O O L I N G
W I T H
C H A S S I S / C O V E R

REL-150 SERIES MECHANICAL SPECIFICATIONS
APPLICATIONS INFORMATION
1.
Each output can deliver its rated current but Total Output Power must not exceed 150W,
as determined by the cooling method.
2.
Generally, adequate cooling is provided when semiconductor case temperatures do not
exceed 70°C rise and transformer temperature does not exceed 60°C rise at any
specified ambient temperature.
3.
Sufficient area must be provided around power supply to allow natural movement of air to
develop in convection-cooled applications.
4.
This product is intended for use as a professionally-installed component within information
technology, industrial, and medical equipment and is not intended for stand-alone
operation.
5.
A minimum load of 10% is required on Output 1 to ensure proper regulation of remaining
outputs.
6.
This product includes only one fuse in the input circuit. In consideration of Clause 8.11.5
of IEC 60601-1:2005, a second fuse may be required in neutral conductor of the end
product.
7.
Peak-to-Peak Output Ripple and Noise is measured directly at the output terminals of the
power supply, without the use of the probe ground lead or retractable tip (tip-and-barrel
method), 20 MHz bandwidth.
8.
This product was type-tested and safety-certified using the dielectric strength test voltages
listed in Table 6 of IEC 60601-1:2005. In consideration of Clause 8.8.3, care must be
taken to insure that the voltage applied to a reinforced insulation does not overstress
different types and levels of insulation. Primary and secondary-to-ground capacitors may
need to be disconnected prior to performing a dielectric strength test on the power supply
or the end product. It is highly recommended that the DC test voltages listed in DVB.1,
Annex DVB of UL 60601-1 1st Edition are not exceeded during a production-line dielectric
strength test of the assembled end product. Please consult factory for further information.
9.
This power supply has been safety-approved and final-tested using a DC dielectric
strength test. Please consult factory before performing an AC dielectric strength test.
10.
Remote-Sense terminals may be used to compensate for cable losses up to 250mV. The
use of a twisted pair, decoupling capacitors and an appropriately-rated low-impedance
capacitor connected across the load will increase noise immunity.
11.
Maximum screw penetration into bottom chassis mounting holes is 0.100 inches.
Maximum screw penetration into side chassis mounting holes is 0.250 inches.
12.
To comply with emissions specifications, all four mounting hole pads must be electrically
connected to a common metal chassis. Chassis/Cover option is recommended. Refer to
Operating Instructions for additional information.
13.
Common RF shielding precautions may need to be taken to assure emissions
compliance. Refer to Operating Instructions for additional information.
14.
Power-Fail (AC-Good) feature provides a logic-low warning signal from an open collector
transistor output 10ms prior to loss of output from AC failure, 5V/10mA.
15.
300LFM minimum of airflow must be maintained one inch above all points of top-side
components or cover when forced-air cooling is required.
16.
Total power must not exceed 100W with convection cooling or 150W with forced-air
cooling on open frame models except where noted.
17.
Total power must not exceed 85W with convection cooling or 150W with forced-air cooling
and Chassis/Cover option.
18.
Total current from Outputs 3 & 4 must not exceed 3A with convection cooling.
19.
Total current from Outputs 1 & 2 must not exceed 15A with convection cooling.
20.
Rated 12A maximum with convection cooling.
21.
Rated 20A maximum with convection cooling.
MAXIMUM OUTPUT POWER vs. AMBIENT TEMPERATURE
CONNECTOR SPECIFICATIONS
P1
AC Input
0.156 friction lock header mates with Molex 09-50-3031 or equivalent
crimp terminal housing with Molex 2478 or equivalent crimp terminal.
P2
DC Output
(Single)
6-32 screw down terminal mates with #6 ring tongue
terminal. (10 in-lb max)
P2
DC Output
(Multiple)
0.156 friction lock header mates with Molex 09-50-3141 or equivalent
crimp terminal housing with Molex 2478 or equivalent crimp terminal.
G
Ground
0.187 quick disconnect terminal.
P3
Remote/P.F./
Sense
(Single)
0.100 friction lock header mates with Molex 50-57-9008or equivalent
crimp terminal housing with Molex type 71851 or equivalent crimp
terminal.
P3
P.F./Sense
(Multiple)
0.100 breakaway header mates with Molex 22-55-2061 or equivalent
crimp terminal housing with Molex type 70058 or equivalent crimp
terminal.
P4
Remote
(Multiple)
0.100 breakaway header mates with Molex 50-57-9002 or equivalent
crimp terminal housing with Molex type 71851 or equivalent crimp
terminal.
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com