Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC1318A Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # 2SC1318A
Description  TO-92 Plastic-Encapsulate Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC1318A Datasheet(HTML) 2 Page - Nanjing International Group Co

  2SC1318A Datasheet HTML 1Page - Nanjing International Group Co 2SC1318A Datasheet HTML 2Page - Nanjing International Group Co 2SC1318A Datasheet HTML 3Page - Nanjing International Group Co 2SC1318A Datasheet HTML 4Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC =10 A,IE=0
80
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=2mA,IB=0
70
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10 A,IC=0
5
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
A
hFE(1)
VCE=10V,IC=150mA
85
340
DC current gain
hFE(2)
VCE=10V,IC=500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=300mA,IB=30mA
0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=300mA,IB=30mA
1.5
V
Transition frequency
fT
VCE=10V,IC=50mA,f=200MHz
120
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
11
20
pF
CLASSIFICATION OF
hFE(1)
Rank
Q
R
S
Range
85-170
120-240
170-340
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com