Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2274 Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SC2274
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC2274 Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SC2274 Datasheet HTML 1Page - Nanjing International Group Co 2SC2274 Datasheet HTML 2Page - Nanjing International Group Co 2SC2274 Datasheet HTML 3Page - Nanjing International Group Co 2SC2274 Datasheet HTML 4Page - Nanjing International Group Co 2SC2274 Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
10
100
10
100
1
10
100
400
600
800
1000
0
25
50
75
100
125
150
0
200
400
600
800
110
100
10
100
1000
110
100
10
100
1000
200
400
600
800
1000
0.1
1
10
100
01
23
456
78
9
10
11
12
0
30
60
90
120
110
0.1
1
10
100
1000
500
500
I
C
f
T
——
COMMON EMITTER
V
CE
= 10V
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
300
=10
I
C
V
BEsat
——
COLLECTOR CURREMT
I
C
(mA)
T
a
=100
T
a
=25
P
C
——
T
a
AMBIENT TEMPERATURE
T
a
(
)
500
500
T
a
=100
T
a
=25
=10
I
C
V
CEsat
——
COLLECTOR CURREMT
I
C
(mA)
500
I
C
h
FE
——
T
a
=100
T
a
=25
COLLECTOR CURRENT
I
C
(mA)
COMMON EMITTER
V
CE
= 5V
BASE-EMMITER VOLTAGE V
BE
(mV)
I
C
——
V
BE
COMMON EMITTER
V
CE
=5V
Static Characteristic
COMMON
EMITTER
T
a
=25
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
0.5mA
0.45mA
0.4mA
0.35mA
0.3mA
0.25mA
0.1mA
0.15mA
0.2mA
I
B
=0.05mA
C
ob
C
ib
f=1MHz
I
C
=0/I
E
=0
T
a
=25
30
COLLECTOR-BASE VOLTAGE
V
CB
/V
EB
(V)
C
ob
/C
ib
— —
V
CB
/V
EB
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com