Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC380TM Datasheet(PDF) 3 Page - Nanjing International Group Co

Part # 2SC380TM
Description  TO-92 Plastic-Encapsulate Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

2SC380TM Datasheet(HTML) 3 Page - Nanjing International Group Co

  2SC380TM Datasheet HTML 1Page - Nanjing International Group Co 2SC380TM Datasheet HTML 2Page - Nanjing International Group Co 2SC380TM Datasheet HTML 3Page - Nanjing International Group Co 2SC380TM Datasheet HTML 4Page - Nanjing International Group Co 2SC380TM Datasheet HTML 5Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.1
1
10
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
0.1
1
10
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
0.1
1
10
200
400
600
800
1000
0.1
1
10
10
100
1000
0.1
1
10
10
100
1000
024
68
10
12
0
2
4
6
110
1000
REVERSE VOLTAGE V (V)
C
ob
C
ib
f=1MHz
I
E=0/IC=0
T
a=25
℃
V
CB
/ V
EB
C
ob
/ C
ib
——
20
BASE-EMITER VOLTAGE V
BE
(V)
I
C
V
BE
COMMON EMITTER
V
CE=12V
AMBIENT TEMPERATURE T
a
( )
℃
P
C
——
T
a
50
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=100
℃
T
a=25
℃
I
C
V
BEsat
——
50
COLLECTOR CURRENT I
C
(mA)
I
C
V
CEsat
——
T
a=100
℃
T
a=25
℃
β=10
50
7
COLLECTOR CURRENT I
C
(mA)
50
COMMON EMITTER
V
CE=12V
T
a=25
℃
T
a=100
℃
I
C
h
FE
——
30uA
27uA
24uA
21uA
18uA
15uA
12uA
9uA
6uA
I
B=3uA
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
COMMON
EMITTER
T
a=25
℃
Static Characteristic
100
50
COLLECTOR CURRENT I
C
(mA)
V
CE=10V
T
a=25
℃
I
C
——
f
T
——
Typical Characteristics
Dongguan Nanjing Electronics Ltd.
www.dgnjdz.com
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com