Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RMB3P/P Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95320-RMB3P/P
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMB3P/P Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95320-RMB3P/P Datasheet HTML 2Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 3Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 4Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 5Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 6Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 7Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 8Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 9Page - STMicroelectronics M95320-RMB3P/P Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Summary description
M95320, M95640, M95320-x, M95640-x
6/44
1
Summary description
These electrically erasable programmable memory (EEPROM) devices are accessed by a
high speed SPI-compatible bus.
The M95320, M95320-W and M95320-R are 32Kbit devices organized as 4096 x 8 bits. The
M95640, M95640-W and M95640-R are 64Kbit devices organized as 8192 x 8 bits.
The device is accessed by a simple serial interface that is SPI-compatible. The bus signals
are C, D and Q, as shown in Table 1 and Figure 1.
The device is selected when Chip Select (S) is taken Low. Communications with the device
can be interrupted using Hold (HOLD).
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages.
ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic diagram
Figure 2.
8 pin package connections
1.
See Package mechanical section for package dimensions and how to identify pin-1.
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com