Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1628811 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 1628811
Description  M23-7ES198A80DNS - Cable connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1628811 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 1628811 Datasheet HTML 6Page - PHOENIX CONTACT 1628811 Datasheet HTML 7Page - PHOENIX CONTACT 1628811 Datasheet HTML 8Page - PHOENIX CONTACT 1628811 Datasheet HTML 9Page - PHOENIX CONTACT 1628811 Datasheet HTML 10Page - PHOENIX CONTACT 1628811 Datasheet HTML 11Page - PHOENIX CONTACT 1628811 Datasheet HTML 12Page - PHOENIX CONTACT 1628811 Datasheet HTML 13Page - PHOENIX CONTACT 1628811 Datasheet HTML 14Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
SF-20KS021 - Crimp contact
1621576
https://www.phoenixcontact.com/us/products/1621576
Crimp contact, Socket, turned, contact diameter: 2 mm, crimp range: 0.25 mm2 ..
. 1 mm2, Alternative product in accordance with RoHS II without Exemption 6c
(Pb <0.1%) item no.: 1244461
SF-20KS022 - Crimp contact
1621577
https://www.phoenixcontact.com/us/products/1621577
Crimp contact, Socket, turned, contact diameter: 2 mm, crimp range: 1.5 mm2 ...
2.5 mm2, Alternative product in accordance with RoHS II without Exemption 6c
(Pb <0.1%) item no.: 1244461
M23-7ES198A80DNS - Cable connector
1628811
https://www.phoenixcontact.com/us/products/1628811
Aug 22, 2023, 6:02 AM
Page 11 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com