Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDB602802 Datasheet(PDF) 1 Page - Lapp.

Part # UDB602802
Description  UNITRONIC® 190
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPP [Lapp.]
Direct Link  https://e.lapp.com/us/
Logo LAPP - Lapp.

UDB602802 Datasheet(HTML) 1 Page - Lapp.

  UDB602802 Datasheet HTML 1Page - Lapp. UDB602802 Datasheet HTML 2Page - Lapp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Lapp USA
DATA SHEET
UNITRONIC
® 190
UDB602802EN
Date: January 1, 2019
Engineer: D. Kocheta
Approval: J. Gavilanes
Document: UDB602802EN
Page 1 of 2
This data sheet contains the latest product specification information available. Data sheet is subject to change without prior notice.
1. APPLICATION
UNITRONIC
® 190 is a multi-conductor cable for communication, signal, and control applications. It is
designed for general purpose installations of electrical machinery.
Applications:
RS-232; data buses; process control instrumentation; low-voltage signaling and interconnect
Underwriters Laboratories
For Communications, Appliance Wiring Material and internal or external wiring of electrical and electronic
equipment applications
.
Canadian Standards
For Communications, Appliance Wiring Material and internal or external wiring of electrical and electronic
equipment applications
.
2. CABLE DESCRIPTION
- Tinned copper fine wire
- Specially Blended PVC insulation
- Color coded conductors
- Gray (RAL 7001) UV, oil and flame resistant Specially Formulated PVC jacket
3. TECHNICAL DATA
Conductor Stranding
28 AWG (0,09 mm²) to 22 AWG (0,35 mm²): 7 - strand
Design / Make-up
Cable is designed in accordance with the requirements of UL Standards 13,
444 and 758; and with CSA standards C22.2 No. 214 & No. 210
Insulation
Specially Blended PVC insulation
Color Code
Lapp USA Color Chart 2
Outer Sheath
Specially Formulated PVC jacket
Nominal Voltage
UL / CSA:
300V
IEC:
Not for power applications
Test Voltage
1500V
Min Bend radius
For installation:
4 x OD
Temperature Range
For stationary use:
-40°C to +105°C
For flexible use:
-25°C to +105°C
Cable Attributes
OR-02, FR-03, FL-01, MP-01
Sunlight resistant
Approvals
UL AWM 2661 (Appliance Wiring Material) per UL 758
UL PLTC (Power Limited Tray Cable) per UL 13
(22 AWG only)
UL CMG (Communications Cables) per UL 444
CSA CMG per CSA C22.2 No. 214
CSA AWM II A/B FT4 per CSA C22.2 No. 210


Similar Part No. - UDB602802

ManufacturerPart #DatasheetDescription
logo
Lapp.
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
More results

Similar Description - UDB602802

ManufacturerPart #DatasheetDescription
logo
Lapp.
0028202 LAPP-0028202 Datasheet
63Kb / 1P
UNITRONIC® LiYY
2021-04-06
0031320 LAPP-0031320 Datasheet
65Kb / 1P
UNITRONIC® Li2YCY (TP)
01.01.2019
0031350 LAPP-0031350 Datasheet
66Kb / 1P
UNITRONIC® Li2YCYv (TP)
18.10.2019
0032202 LAPP-0032202 Datasheet
63Kb / 1P
UNITRONIC® LiYCY-CY
01.01.2019
0032800 LAPP-0032800 Datasheet
64Kb / 1P
UNITRONIC® PUR CP
01.01.2019
0037100 LAPP-0037100 Datasheet
67Kb / 2P
UNITRONIC® LiHH
2021-08-17
0037302 LAPP-0037302 Datasheet
67Kb / 2P
UNITRONIC® LiHCH
2021-08-17
0044602 LAPP-0044602 Datasheet
65Kb / 1P
UNITRONIC® LiYCY A
27.03.2019
0034302 LAPP-0034302 Datasheet
65Kb / 1P
UNITRONIC® LiYCY
2021-04-06
UDB602002 LAPP-UDB602002 Datasheet
111Kb / 2P
ÖLFLEX® 190 & 190 CY
January 1, 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com