Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD835G2-70UT Datasheet(PDF) 61 Page - STMicroelectronics

Part # PSD835G2-70UT
Description  Flash PSD, 5V Supply, for 8-bit MCUs 4 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD835G2-70UT Datasheet(HTML) 61 Page - STMicroelectronics

Back Button PSD835G2-70UT Datasheet HTML 57Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 58Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 59Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 60Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 61Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 62Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 63Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 64Page - STMicroelectronics PSD835G2-70UT Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
61/102
PSD835G2
MCU I/O Mode
In the MCU I/O mode, the MCU uses the I/O Ports
block to expand its own I/O ports. By setting up the
CSIOP space, the ports on the PSD are mapped
into the MCU address space. The addresses of
the ports are listed in Table 5., page 19.
A port pin can be put into MCU I/O mode by writing
a ’0’ to the corresponding bit in the Control Regis-
ter (Ports E, F and G). The MCU I/O direction may
be changed by writing to the corresponding bit in
the Direction Register, or by the output enable
product term. See Direction Register, page 64.
When the pin is configured as an output, the con-
tent of the Data Out Register drives the pin. When
configured as an input, the MCU can read the port
input through the Data In buffer. See Figure
26., page 60.
Ports A, B and C do not have Control Registers,
and are in MCU I/O mode by default. They can be
used for PLD I/O if they are specified in PSDsoft.
PLD I/O Mode
The PLD I/O Mode uses a port as an input to the
CPLD’s Input Macrocells (IMC), and/or as an out-
put from the CPLD’s Output Macrocells (OMC).
The output can be tri-stated with a control signal.
This output enable control signal can be defined
by a product term from the PLD, or by resetting the
corresponding bit in the Direction Register to '0.'
The corresponding bit in the Direction Register
must not be set to ’1’ if the pin is defined as a PLD
input pin in PSDsoft. The PLD I/O mode is speci-
fied in PSDsoft by declaring the port pins, and then
specifying an equation in PSDsoft.
Address Out Mode
For MCUs with a multiplexed address/data bus,
Address Out Mode can be used to drive latched
addresses on to the port pins. These port pins can,
in turn, drive external devices. Either the output
enable or the corresponding bits of both the Direc-
tion Register and Control Register must be set to
a ’1’ for pins to use Address Out Mode. This must
be done by the MCU at run-time. See Table
37., page 62 for the address output pin assign-
ments on Ports E, F and G for various MCUs.
Note: Do not drive address signals with Address
Out Mode to an external memory device if it is in-
tended for the MCU to Boot from the external de-
vice. The MCU must first Boot from PSD memory
so the Direction and Control register bits can be
set.
Table 35. Port Operating Modes
Note: 1. Can be multiplexed with other I/O functions.
Port Mode
Port A
Port B
Port C
Port D
Port E
Port F
Port G
MCU I/O
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PLD I/O
McellA Outputs
McellB Outputs
Additional Ext. CS Outputs
PLD Inputs
Yes
No
No
Yes
No
Yes
No
Yes
No
No
Yes
Yes
No
No
No
Yes
No
No
No
No
No
No
Yes
Yes
No
No
No
No
Address Out
No
No
No
No
Yes (A7-A0)
Yes (A7-A0)
Yes (A7-A0)
or (A15-A8)
Address In
Yes
Yes
Yes
Yes
No
Yes
No
Data Port
No
No
No
No
No
Yes
No
Peripheral I/O
No
No
No
No
No
Yes
No
JTAG ISP
No
No
No
No
Yes1
No
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com