Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NAND04GA3C2AN6F Datasheet(PDF) 17 Page - STMicroelectronics

Part # NAND04GA3C2AN6F
Description  4Gbit, 2112 Byte Page, 3V, Multi-level NAND Flash Memory
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND04GA3C2AN6F Datasheet(HTML) 17 Page - STMicroelectronics

Back Button NAND04GA3C2AN6F Datasheet HTML 13Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 14Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 15Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 16Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 17Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 18Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 19Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 20Page - STMicroelectronics NAND04GA3C2AN6F Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 51 page
background image
NAND04GA3C2A, NAND04GW3C2A
5 Command Set
17/51
5
Command Set
All bus write operations to the device are interpreted by the Command Interface. The
Commands are input on I/O0-I/O7 and are latched on the rising edge of Write Enable when
the Command Latch Enable signal is high. Device operations are selected by writing
specific commands to the Command Register. The two-step command sequences for
program and erase operations are imposed to maximize data security.
The Commands are summarized in Table 8: Commands.
Table 8.
Commands
Command
Bus Write Operations(1)
Commands
accepted
during busy
1st CYCLE
2nd CYCLE
3rd CYCLE
4th CYCLE
Read
00h(2)
30h
–
–
Random Data Output
05h
E0h
–
–
Cache Read
00h
31h
–
–
Exit Cache Read
34h
–
–
–
Yes(3)
Page Program
(Sequential Input default)
80h
10h
–
–
Random Data Input
85h
–
–
–
Block Erase
60h
D0h
–
–
Reset
FFh
–
–
–
Yes
Read Electronic Signature
90h
–
–
–
Read Status Register
70h
–
–
–
Yes
1.
The bus cycles are only shown for issuing the codes. The cycles required to input the addresses or input/output data are
not shown.
2.
For consecutive read operations the 00h command does not need to be repeated.
3.
Only when a Cache Read operation is ongoing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com