Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-RMB3TG/P Datasheet(PDF) 30 Page - STMicroelectronics

Part # M95640-RMB3TG/P
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-RMB3TG/P Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M95640-RMB3TG/P Datasheet HTML 26Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 27Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 28Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 29Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 30Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 31Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 32Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 33Page - STMicroelectronics M95640-RMB3TG/P Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
DC and AC parameters
M95320, M95640, M95320-x, M95640-x
30/44
Table 18.
AC characteristics (M95320 and M95640, device grade 6)
Test conditions specified in Table 11 and Table 8
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCK
Clock Frequency
D.C.
10
MHz
tSLCH
tCSS1
S Active Setup Time
15
ns
tSHCH
tCSS2
S Not Active Setup Time
15
ns
tSHSL
tCS
S Deselect Time
40
ns
tCHSH
tCSH
S Active Hold Time
25
ns
tCHSL
S Not Active Hold Time
15
ns
tCH
(1)
1.
tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
tCLH
Clock High Time
40
ns
tCL
(1)
tCLL
Clock Low Time
40
ns
tCLCH
(2)
2.
Value guaranteed by characterization, not 100% tested in production.
tRC
Clock Rise Time
1
µs
tCHCL
(2)
tFC
Clock Fall Time
1
µs
tDVCH
tDSU
Data In Setup Time
15
ns
tCHDX
tDH
Data In Hold Time
15
ns
tHHCH
Clock Low Hold Time after HOLD not Active
15
ns
tHLCH
Clock Low Hold Time after HOLD Active
20
ns
tCLHL
Clock Low Set-up Time before HOLD Active
0
ns
tCLHH
Clock Low Set-up Time before HOLD not Active
0
ns
tSHQZ
(2)
tDIS
Output Disable Time
25
ns
tCLQV
tV
Clock Low to Output Valid
25
ns
tCLQX
tHO
Output Hold Time
0
ns
tQLQH
(2)
tRO
Output Rise Time
20
ns
tQHQL
(2)
tFO
Output Fall Time
20
ns
tHHQV
tLZ
HOLD High to Output Valid
25
ns
tHLQZ
(2)
tHZ
HOLD Low to Output High-Z
25
ns
tW
tWC
Write Time
5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com