Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA2030 Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA2030
Description  14W Hi-Fi AUDIO AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA2030 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA2030 Datasheet HTML 4Page - STMicroelectronics TDA2030 Datasheet HTML 5Page - STMicroelectronics TDA2030 Datasheet HTML 6Page - STMicroelectronics TDA2030 Datasheet HTML 7Page - STMicroelectronics TDA2030 Datasheet HTML 8Page - STMicroelectronics TDA2030 Datasheet HTML 9Page - STMicroelectronics TDA2030 Datasheet HTML 10Page - STMicroelectronics TDA2030 Datasheet HTML 11Page - STMicroelectronics TDA2030 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
E1
0.76
1.19
0.030
0.047
F
0.8
1.05
0.031
0.041
F1
1
1.4
0.039
0.055
G
3.2
3.4
3.6
0.126
0.134
0.142
G1
6.6
6.8
7
0.260
0.268
0.276
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L
17.55
17.85
18.15
0.691
0.703
0.715
L1
15.55
15.75
15.95
0.612
0.620
0.628
L2
21.2
21.4
21.6
0.831
0.843
0.850
L3
22.3
22.5
22.7
0.878
0.886
0.894
L4
1.29
0.051
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
L9
0.2
0.008
M
4.23
4.5
4.75
0.167
0.177
0.187
M1
3.75
4
4.25
0.148
0.157
0.167
V4
40° (typ.)
Dia
3.65
3.85
0.144
0.152
PENTAWATT PACKAGE MECHANICAL DATA
L
L1
A
C
L5
D1
L2
L3
E
M1
M
D
H3
Dia.
L7
L6
F1
H2
F
GG1
E1
F
E
L9
V4
R
R
R
RESIN BETWEEN
LEADS
H1
V3
H2
L8
VV
V1
B
VV
V4
V4
TDA2030
11/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com