Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RMB3TG/P Datasheet(PDF) 43 Page - STMicroelectronics

Part # M95320-RMB3TG/P
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMB3TG/P Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M95320-RMB3TG/P Datasheet HTML 36Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 37Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 38Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 39Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 40Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 41Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 42Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 43Page - STMicroelectronics M95320-RMB3TG/P Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
M95320, M95640, M95320-x, M95640-x
Revision history
43/44
24-May-2005
5.0
M95320-S and M95640-S root part numbers (1.65 to 5.5V Supply) and
related characteristics added.
20MHz Clock rate added.TSSOP14 package removed and MLP8 package
added.
Description of Power On Reset: VCC Lock-Out Write Protect updated.
Product List summary table added. Absolute Maximum Ratings for
VIO(min) and VCC(min) improved. Soldering temperature information
clarified for RoHS compliant devices. Device Grade 3 clarified, with
reference to HRCF and automotive environments. AEC-Q100-002
compliance. tCHHL(min) and tCHHH(min) is tCH for products under “S”
process. tHHQX corrected to tHHQV.
Figure 16: Hold timing updated.
07-Jul-2006
6
Document converted to new ST template.
Packages are ECOPACK® compliant. PDIP package removed.
SO8N package specifications updated (see Table 24 and Figure 18).
M95640-S and M95320-S part numbers removed (DC and AC parameters
updated accordingly).
How to identify previous, current and new products by the Process
identification letter Table removed.
Figure 4: SPI modes supported updated and Note 2 added. First three
paragraphs of Section 4: Operating features replaced by Section 4.1:
Supply voltage (VCC).
TA added to Table 7: Absolute maximum ratings. ICC and ICC1 updated in
Table 13, Table 14, Table 15 and Table 17. VOL and VOH updated in
Table 15. ICC updated in Table 16. Data in Table 17 is no longer
preliminary.
tCH updated in Table 20. Table 23: AC characteristics (M95640-R) added.
Timing line of tSHQZ modified in Figure 17: Output timing.
Process letter added to Table 27: Ordering information scheme, Note 2
removed. Note 2 removed from Figure 2.
Table 28.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com