Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC543A Datasheet(PDF) 5 Page - Texas Instruments

Part # LVC543A
Description  OCTAL REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LVC543A Datasheet(HTML) 5 Page - Texas Instruments

  LVC543A Datasheet HTML 1Page - Texas Instruments LVC543A Datasheet HTML 2Page - Texas Instruments LVC543A Datasheet HTML 3Page - Texas Instruments LVC543A Datasheet HTML 4Page - Texas Instruments LVC543A Datasheet HTML 5Page - Texas Instruments LVC543A Datasheet HTML 6Page - Texas Instruments LVC543A Datasheet HTML 7Page - Texas Instruments LVC543A Datasheet HTML 8Page - Texas Instruments LVC543A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SN74LVC543A
OCTAL REGISTERED TRANSCEIVER
WITH 3STATE OUTPUTS
SCAS299H − JANUARY 1993 − REVISED AUGUST 2003
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 1.8 V
± 0.15 V
VCC = 2.5 V
± 0.2 V
VCC = 2.7 V
VCC = 3.3 V
± 0.3 V
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
tpd
A or B
B or A
†
†
†
†
8
1
7
ns
tpd
LE
B or A
†
†
†
†
9.5
1.2
8.5
ns
ten
OE
A or B
†
†
†
†
9.2
1.3
7.7
ns
ten
CE
A or B
†
†
†
†
9.3
1.3
8
ns
tdis
OE
A or B
†
†
†
†
7.5
1
7
ns
tdis
CE
A or B
†
†
†
†
7.5
1
7
ns
† This information was not available at the time of publication.
operating characteristics, TA = 25°C
PARAMETER
TEST
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
UNIT
PARAMETER
TEST
CONDITIONS
TYP
TYP
TYP
UNIT
Cpd
Power dissipation capacitance
Outputs enabled
f = 10 MHz
†
†
49
pF
Cpd
Power dissipation capacitance
per transceiver
Outputs disabled
f = 10 MHz
†
†
6
pF
† This information was not available at the time of publication.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com