Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876IPWLE Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC876IPWLE
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC876IPWLE Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC876IPWLE Datasheet HTML 10Page - Texas Instruments TLC876IPWLE Datasheet HTML 11Page - Texas Instruments TLC876IPWLE Datasheet HTML 12Page - Texas Instruments TLC876IPWLE Datasheet HTML 13Page - Texas Instruments TLC876IPWLE Datasheet HTML 14Page - Texas Instruments TLC876IPWLE Datasheet HTML 15Page - Texas Instruments TLC876IPWLE Datasheet HTML 16Page - Texas Instruments TLC876IPWLE Datasheet HTML 17Page - Texas Instruments TLC876IPWLE Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
driving the analog input (continued)
The expanded input circuit shown in Figure 15 aids in understanding the voltage offset generation when using
the external input circuit in Figure 14.
The ac-coupling capacitors, C1 and C2, integrate the switching transients present at the input of the TLC876
causing a net dc bias current, IB, to flow into the input. The magnitude of this bias current increases with
increasing the dc signal level, VB, and also increases with sample frequency. When the sample clock frequency
is 20 MHz, the dc bias current is approximately 30
µA† at VBIAS equal to 3 V dc. This bias current causes an
offset error of (R1 + R2) x IB at the AIN terminal. Making R2 negligibly small or modifying VBIAS to account for
the resultant offset can compensate for this error. Note however that R2 loads the signal driving source, and
the value must be sufficient for the application.
For example, as shown in Figure 15, when VBIAS is 3 V and the resistor values stated above, the bias current
causes a 31.5 mV‡ offset from the 3 V bias, VBIAS, at the AIN terminal. For the TLC876, VBIAS can be as low
as 1 V for a 2 V peak-to-peak input signal swing.
AIN
VIN
R2
+
–
VBIAS
C1
C2
IB
R1
TLC876
CE
RSW
VB
Figure 15. Bias Current and Offset
For systems that require dc-coupling, an op-amp can level-shift a ground-referenced signal to comply with the
input requirements of the TLC876. Figure 16 shows an amplifier in an inverting mode with ac signal gain of –1.
The dc voltage at the noninverting input of the op-amp controls the amount of dc level shifting. A resistive voltage
divider attenuates the REFBF signal and the op-amp then multiplies the attenuated signal by 2. In the case
where REFBF = 1.6 V, the dc output level is 2.6 V which is approximately equal to (V(REFTF) – V(REFBF)/2.
† IB(AVG) = CE (VB) fCLK ≈ 30 µA, with RSW = 50 Ω, CE = 5 pF, R1 = 50 Ω, and R2 = 1 kΩ
‡ VOFFSET = IB(AVG) (R1 + R2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com