Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2N06CL Datasheet(PDF) 2 Page - ON Semiconductor

Part # MLP2N06CL
Description  SMARTDISCRETES TM MOSFET 2 Amps, 62 Volts, Logic Level N?묬hannel TO??20
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MLP2N06CL Datasheet(HTML) 2 Page - ON Semiconductor

  MLP2N06CL Datasheet HTML 1Page - ON Semiconductor MLP2N06CL Datasheet HTML 2Page - ON Semiconductor MLP2N06CL Datasheet HTML 3Page - ON Semiconductor MLP2N06CL Datasheet HTML 4Page - ON Semiconductor MLP2N06CL Datasheet HTML 5Page - ON Semiconductor MLP2N06CL Datasheet HTML 6Page - ON Semiconductor MLP2N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MLP2N06CL
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
(ID = 20 mAdc, VGS = 0 Vdc)
(ID = 20 mAdc, VGS = 0 Vdc, TJ = 150°C)
V(BR)DSS
58
58
62
62
66
66
Vdc
Zero Gate Voltage Drain Current
(VDS = 40 Vdc, VGS = 0 Vdc)
(VDS = 40 Vdc, VGS = 0 Vdc, TJ = 150°C)
IDSS
−
−
0.6
6.0
5.0
20
mAdc
Gate−Source Leakage Current
(VG = 5.0 Vdc, VDS = 0 Vdc)
(VG = 5.0 Vdc, VDS = 0 Vdc, TJ = 150°C)
IGSS
−
−
0.5
1.0
5.0
20
mAdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(ID = 250 mAdc, VDS = VGS)
(ID = 250 mAdc, VDS = VGS, TJ = 150°C)
VGS(th)
1.0
0.6
1.5
1
2.0
1.6
Vdc
Static Drain Current Limit
(VGS = 5.0 Vdc, VDS = 10 Vdc)
(VGS = 5.0 Vdc, VDS = 10 Vdc, TJ = 150°C)
ID(lim)
3.8
1.6
4.4
2.4
5.2
2.9
Adc
Static Drain−to−Source On−Resistance
(ID = 1.0 Adc, VGS = 5.0 Vdc)
(ID = 1.0 Adc, VGS = 5.0 Vdc, TJ = 150°C)
RDS(on)
−
−
0.3
0.53
0.4
0.7
W
Forward Transconductance
(ID = 1.0 Adc, VDS = 10 Vdc)
gFS
1.0
1.4
−
mhos
Static Source−to−Drain Diode Voltage
(IS = 1.0 Adc, VGS = 0 Vdc)
VSD
−
1.1
1.5
Vdc
SWITCHING CHARACTERISTICS (Note 2)
Turn−On Delay Time
(VDD = 30 Vdc, ID = 1.0 Adc,
VGS(on) = 5.0 Vdc, RGS = 25 W)
td(on)
−
1.0
1.5
ms
Rise Time
tr
−
3.0
5.0
Turn−Off Delay Time
td(off)
−
5.0
8.0
Fall Time
tf
−
3.0
5.0
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.
Figure 1. Output Characteristics
Figure 2. Transfer Function
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
TJ = 25°C
VDS ≥ 7.5 V
TJ = 150°C
25
°C
−55
°C
01
2
3
8
2.5
2.0
1.5
1.0
0.5
0
3.0
3.5
4.0
45
6
7
02
4
6
8
5
4
3
2
1
0
6.0 V
5.5 V
5.0 V
4.5 V
4.0 V
3.5 V
3.0 V
2.5 V
2.0 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com