Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF1640 Datasheet(PDF) 2 Page - SMC Diode Solutions Co. LTD

Part # MBRF1640
Description  MBRF1640 SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBRF1640 Datasheet(HTML) 2 Page - SMC Diode Solutions Co. LTD

  MBRF1640 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBRF1640 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBRF1640 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBRF1640 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical Data
Data Sheet N1105, Rev. A
 China - Germany - Korea - Singapore - United States 
 http://www.smc-diodes.com - sales@ smc-diodes.com 
MBRF1640
Characteristics
Symbol
Condition
Specification
Units
Junction Temperature
TJ
-
-55 to +150
C
Storage Temperature
Tstg
-
-55 to +150
C
Typical Thermal Resistance Junction to
Case
RJC
DC operation
2.5
C/W
Approximate Weight
wt
-
1.6
g
Case Style
ITO-220AC
Thermal-Mechanical Specifications:
Ratings and Characteristics Curves
Fig.1-Typical Junction Capacitance
Fig.2-Typical Reverse Characteristics
TJ=25℃
TJ=125℃
TJ=25℃
TJ=125℃
TJ=25℃
Fig.3-Typical Instantaneous Forward Voltage Characteristics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com