Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2050 Datasheet(PDF) 1 Page - SMC Diode Solutions Co. LTD

Part # MBRF2050
Description  MBRF2050/2060CT SCHOTTKY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

MBRF2050 Datasheet(HTML) 1 Page - SMC Diode Solutions Co. LTD

  MBRF2050 Datasheet HTML 1Page - SMC Diode Solutions Co. LTD MBRF2050 Datasheet HTML 2Page - SMC Diode Solutions Co. LTD MBRF2050 Datasheet HTML 3Page - SMC Diode Solutions Co. LTD MBRF2050 Datasheet HTML 4Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data
Data Sheet N0075, Rev. B
 Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113  (86) 25-87123907 
 FAX (86) 25-87123900  World Wide Web Site - http://www.sangdest.com.cn  E-Mail Address - sales@ sangdest.com.cn 
MBRF2050/2060CT
MBRF2050/2060CT SCHOTTKY RECTIFIER
Characteristics
Symbol
Condition
Typ.
Max.
Units
Forward Voltage Drop(Per Leg)*
VF1
@10A, Pulse, TJ = 25 C
0.67
0.80
V
Reverse Current(Per Leg)*
IR1
@VR = rated VR, TJ = 25 C
0.009
1.0
mA
Junction Capacitance(Per Leg)
CT
@VR = 5V, TC = 25 C, fSIG = 1MHz
250
400
pF
Series Inductance(Per Leg)
LS
Measured lead to lead 5 mm from
package body
8.0
-
nH
Voltage Rate of Change
dv/dt
-
-
10,000
V/s
RSM Isolation Voltage
(t = 1.0 second, R. H. < =30%,
TA = 25 C)
VISO
Clip mounting, the epoxy body away
from the heatsink edge by more than
0.110" along the lead direction.
-
4500
V
Clip mounting, the epoxy body is inside
the heatsink.
-
3500
Screw mounting, the epoxy body is
inside the heatsink.
-
1500
* Pulse width < 300 µs, duty cycle < 2%
Features
Circuit Diagram
Applications
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
-
50 MBRF2050CT
V
60 MBRF2060CT
Average Rectified Forward Current
IF (AV)
50% duty cycle @Tc=80°C, rectangular
wave form
10(Per Leg)
A
20(Per Device)
Peak One Cycle Non-Repetitive
Surge Current(Per Leg)
IFSM
8.3ms, Half Sine pulse
150
A
Electrical Characteristics:
150C TJ operation
Center tap configuration
Low forward voltage drop
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
High frequency operation
Guard ring for enhanced ruggedness and long term
reliability
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Switching power supply
Converters
Free-Wheeling diodes
Reverse battery protection
ITO-220AB


Similar Part No. - MBRF2050

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2050 TSC-MBRF2050 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2050 TSC-MBRF2050 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF2050 LUGUANG-MBRF2050 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2050 TSC-MBRF2050 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
MBRF2050 SMC-MBRF2050 Datasheet
165Kb / 6P
Guard ring for enhanced ruggedness and long term reliability
More results

Similar Description - MBRF2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
MBR2050 SMCDIODE-MBR2050 Datasheet
972Kb / 6P
MBR2050/2060CT MBRB2050CT MBR2050/2060CT-1 SCHOTTKY RECTIFIER
Rev. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com