Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039MPRO Datasheet(PDF) 38 Page - ESS Technology,Inc

Part # ES9039MPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039MPRO Datasheet(HTML) 38 Page - ESS Technology,Inc

Back Button ES9039MPRO Datasheet HTML 34Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 35Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 36Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 37Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 38Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 39Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 40Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 41Page - ESS Technology,Inc ES9039MPRO Datasheet HTML 42Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
38
0x3E
62
BCK/WS MONITOR CONFIG
DISABLE_
DSD_DC
DISABLE_
DSD_MUTE
ENABLE_WS_
MONITOR
ENABLE_BCK_
MONITOR
DISABLE_
PCM_DC
RESERVED
0x3F
63
RESERVED
RESERVED
0x40
64
TDM CH1 CONFIG
RESERVED
TDM_CH1_LINE_SEL
TDM_CH1_SLOT_SEL
0x41
65
TDM CH2 CONFIG
RESERVED
TDM_CH2_LINE_SEL
TDM_CH2_SLOT_SEL
0x42
66
TDM CH3 CONFIG
RESERVED
TDM_CH3_LINE_SEL
TDM_CH3_SLOT_SEL
0x43
67
TDM CH4 CONFIG
RESERVED
TDM_CH4_LINE_SEL
TDM_CH4_SLOT_SEL
0x44
68
TDM CH5 CONFIG
RESERVED
TDM_CH5_LINE_SEL
TDM_CH5_SLOT_SEL
0x45
69
TDM CH6 CONFIG
RESERVED
TDM_CH6_LINE_SEL
TDM_CH6_SLOT_SEL
0x46
70
TDM CH7 CONFIG
RESERVED
TDM_CH7_LINE_SEL
TDM_CH7_SLOT_SEL
0x47
71
TDM CH8 CONFIG
RESERVED
TDM_CH8_LINE_SEL
TDM_CH8_SLOT_SEL
0x48 -
0x49
72 -
73
RESERVED
RESERVED
0x4A
74
VOLUME1
VOLUME1
0x4B
75
VOLUME2
VOLUME2
0x4C
76
VOLUME3
VOLUME3
0x4D
77
VOLUME4
VOLUME4
0x4E
78
VOLUME5
VOLUME5
0x4F
79
VOLUME6
VOLUME6
0x50
80
VOLUME7
VOLUME7
0x51
81
VOLUME8
VOLUME8
0x52
82
DAC VOL UP RATE
DAC_VOL_RATE_UP
0x53
83
DAC VOL DOWN RATE
DAC_VOL_RATE_DOWN
0x54
84
DAC VOL DOWN RATE FAST
DAC_VOL_RATE_FAST
0x55
85
RESERVED
RESERVED
0x56
86
DAC MUTE
DAC_MUTE_
CH8
DAC_MUTE_
CH7
DAC_MUTE_
CH6
DAC_MUTE_
CH5
DAC_MUTE_
CH4
DAC_MUTE_
CH3
DAC_MUTE_
CH2
DAC_MUTE_
CH1
0x57
87
DAC INVERT
DAC_INVERT_
CH8
DAC_INVERT_
CH7
DAC_INVERT_
CH6
DAC_INVERT_
CH5
DAC_INVERT_
CH4
DAC_INVERT_
CH3
DAC_INVERT_
CH2
DAC_INVERT_
CH1
0x58
88
FILTER SHAPE
RESERVED
FILTER_SHAPE
0x59
89
S/PDIF PIN SELECT
SPDIF_SEL
VOLUME_HOLD
IIR_BW
0x5A
90
DAC PATH CONFIG
RESERVED
BYPASS_IIR
BYPASS_FIR4X
BYPASS_FIR2X
0x5B
91
THD_C2_L
THD_C2_0
0x5C
92
THD_C2_L
THD_C2_0
0x5D
93
THD_C2_L
THD_C2_1
0x5E
94
THD_C2_L
THD_C2_1
0x5F
95
THD_C2_L
THD_C2_2
0x60
96
THD_C2_L
THD_C2_2
0x61
97
THD_C2_L
THD_C2_3
0x62
98
THD_C2_L
THD_C2_3
0x63
99
THD_C2_H
THD_C2_4
0x64
100
THD_C2_H
THD_C2_4
0x65
101
THD_C2_H
THD_C2_5
0x66
102
THD_C2_H
THD_C2_5
0x67
103
THD_C2_H
THD_C2_6
0x68
104
THD_C2_H
THD_C2_6
0x69
105
THD_C2_H
THD_C2_7
0x6A
106
THD_C2_H
THD_C2_7
0x6B
107
THD_C3_L
THD_C3_0
0x6C
108
THD_C3_L
THD_C3_0
0x6D
109
THD_C3_L
THD_C3_1
0x6E
110
THD_C3_L
THD_C3_1
0x6F
111
THD_C3_L
THD_C3_2
0x70
112
THD_C3_L
THD_C3_2
0x71
113
THD_C3_L
THD_C3_3
0x72
114
THD_C3_L
THD_C3_3
0x73
115
THD_C3_H
THD_C3_4
0x74
116
THD_C3_H
THD_C3_4
0x75
117
THD_C3_H
THD_C3_5
0x76
118
THD_C3_H
THD_C3_5
0x77
119
THD_C3_H
THD_C3_6
0x78
120
THD_C3_H
THD_C3_6
0x79
121
THD_C3_H
THD_C3_7
0x7A
122
THD_C3_H
THD_C3_7
0x7B
123
AUTOMUTE ENABLE
AUTOMUTE_
EN_CH8
AUTOMUTE_
EN_CH7
AUTOMUTE_
EN_CH6
AUTOMUTE_
EN_CH5
AUTOMUTE_
EN_CH4
AUTOMUTE_
EN_CH3
AUTOMUTE_
EN_CH2
AUTOMUTE_
EN_CH1
0x7C
124
AUTOMUTE TIME
AUTOMUTE_TIME
0x7D
125
AUTOMUTE TIME
RESERVED
AUTOMUTE_
RAMP_TO_
GROUND
AUTOMUTE_TIME
0x7E
126
AUTOMUTE LEVEL
AUTOMUTE_LEVEL
0x7F
127
AUTOMUTE LEVEL
AUTOMUTE_LEVEL
0x80
128
AUTOMUTE OFF LEVEL
AUTOMUTE_OFF_LEVEL
0x81
129
AUTOMUTE OFF LEVEL
AUTOMUTE_OFF_LEVEL
0x82
130
SOFT RAMP CONFIG
RESERVED
SOFT_RAMP_TIME
0x83 -
0x86
131 -
134
RESERVED
RESERVED
0x87
135
PROGRAM RAM CONTROL
RESERVED
PROG_
|COEFF_WE
PROG_
COEFF_EN
0x88
136
RESERVED
RESERVED
0x89
137
PROGRAM RAM ADDRESS
PROG_COEFF_
STAGE
PROG_COEFF_ADDR
0x8A
138
PROGRAM RAM DATA
PROG_COEFF_IN
0x8B
139
PROGRAM RAM DATA
PROG_COEFF_IN
0x8C
140
PROGRAM RAM DATA
PROG_COEFF_IN
0x8D
141
MQA CONFIG (ES9039MPRO only)
RESERVED
MQB_READER_ENABLE
MQA_
RENDERING_
ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com