Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9068A Datasheet(PDF) 2 Page - ESS Technology,Inc

Part # ES9068A
Description  High performance DAC with MQA, PLL, Differential ADC,and Audio Mixing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9068A Datasheet(HTML) 2 Page - ESS Technology,Inc

  ES9068A Datasheet HTML 1Page - ESS Technology,Inc ES9068A Datasheet HTML 2Page - ESS Technology,Inc ES9068A Datasheet HTML 3Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ES9068A
March 31, 2021
0.2
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • www.esstech.com
2
Functional Block Diagram
PLL
I2C MASTER
Low Noise Reg
CLOCK
NETWORK
DIGITAL CORE
XI
XO
SDAM
SCLM
RESETB
DCLK (BCK)
DATA1 (WS)
DATA2 (SD)
GPIO1-11,14
AGND_DAC
DVDD
AVDD
AVCC_DAC VREF
VCCA
GND (Exposed Pad)
DACB_L
DAC_L
DACB_R
DAC_R
AVCC_33
AVCC_18
HyperStream
© II
QUAD DAC
HyperStream
© II
QUAD DAC
MIC
LDO
BANDGAP
CLK DETECT / POR
DIGITAL
AUDIO
PORT
(I2S,
DSD,
DoP,
SPDIF,
MQA)
RT1
INT
SMART CONTROLLER
Bootload Interface/SPI
MBIAS
I2C SLAVE
SDAS
SCLS
ACLK1
ADDR
DVDD
LDO
DIFF. MIC ADC
AMIC_P
AMIC_N
PRE-AMP
Differential
0dB-30dB, 6 dB Steps
PRE-AMP
S/E ADC
(RIGHT)
ADC_R
PRE-AMP
S/E ADC
(LEFT)
ADC_L
CHARGE
PUMP
1.8V
PNEG
C1
C2
Figure 1 - ES9068ABlock Diagram



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com