Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9039SPRO Datasheet(PDF) 78 Page - ESS Technology,Inc

Part # ES9039SPRO
Description  32-bit High-Performance 8-Channel DAC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9039SPRO Datasheet(HTML) 78 Page - ESS Technology,Inc

Back Button ES9039SPRO Datasheet HTML 74Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 75Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 76Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 77Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 78Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 79Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 80Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 81Page - ESS Technology,Inc ES9039SPRO Datasheet HTML 82Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 95 page
background image
ES9039MPRO & ES9039PRO Product Brief
CONFIDENTIAL ADVANCE INFORMATION 0.2.1
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 • WWW.ESSTECH.COM
78
Bits
Mnemonic
Description
[15:0]
AUTOMUTE_LEVEL
Configures the threshold which the audio must be below before an automute
condition is flagged.
Valid from: 16'hFFFF (-42dB) to 16'h0001 (-132dB)
Shift right 1 bit corresponds to -6dB
Note: this register works in tandem with AUTOMUTE_TIME to create the
automute condition
Register 129-128: AUTOMUTE OFF LEVEL
Bits
[15:0]
Default
16'000A
Bits
Mnemonic
Description
[15:0]
AUTOMUTE_OFF_LEVEL
Configures the threshold which the audio must be above before the
automute condition is cleared (cleared immediately).
Valid from: 16'hFFFF (-42dB) to 16'h0001 (-132dB)
Shift right 1 bit corresponds to -6dB
Register 130: SOFT RAMP CONFIG
Bits
[7:5]
[4:0]
Default
3'd0
5'd3
Bits
Mnemonic
Description
[7:5]
RESERVED
NA
[4:0]
SOFT_RAMP_TIME
Sets the amount of time that it takes to perform a soft start ramp.
This time affects both ramp to ground and ramp to AVCC/2.
Valid from 0 to 20 (inclusive).
������������������������ [������] = 4096 ∗
2������������������������_������������������������_������������������������+1
������������������������������������������[������������]
Register 134-131: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com