Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES9281APRO Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES9281APRO
Description  High performance USB DAC with Headphone Amplifier,MQA, ADC, PLL, Jack Detect, Mic, and A/D Mixing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9281APRO Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES9281APRO Datasheet HTML 1Page - ESS Technology,Inc ES9281APRO Datasheet HTML 2Page - ESS Technology,Inc ES9281APRO Datasheet HTML 3Page - ESS Technology,Inc ES9281APRO Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ES9281A/80A PRO Product Brief
0.2.5
April 15, 2021
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-
8800 • WWW.ESSTECH.COM
Functional Block Diagram
PLL
I2C MASTER
Low Noise Reg
CLOCK
NETWORK
POWER
MANAGEMENT
& CONTROL
HP AMP
+
-
100
100
R
HP AMP
+
-
100
100
R
DIGITAL CORE
XI
XO
SDAM
SCLM
RESETB
DCLK (BCK)
DATA1 (WS)
DATA2 (SD)
GPIO1*-14
DGND DVDD
AVDD
AVCC_DAC
VREF
VCCA
AGND
PNEG
PNEG_VC
OUT_L
INB_L
GSN_L
IN_L
INB_R
OUT_R
IN_R
ADC_R
GSN_R
AVCC_33
AVCC_18
HyperStream® II
QUAD DAC
HyperStream® II
QUAD DAC
CHARGE
PUMP
CLASS G
1.8/3.3V
C1
C2
C1_VC
C2_VC
Jack/Button Detection
Plug In & Out
Impedance Detection
Buttons
Moisture protection
ADC_L
JDET1
JDET2
MIC
LDO
S/E ADC
(LEFT)
DIFF. MIC ADC
AMIC_P
AMIC_N
PRE-AMP
Differen tial
BANDGAP
CLK DETECT / POR
DIGITAL
AUDIO
PORT
(I2S,
DSD,
DoP,
SPDIF,
MQA)
RT1
INT
SMART CONTROLLER
Bootload Interface/SPI
0dB-30dB, 6 dB Steps
0dB-30dB,
6dB Steps
1Vrms Input
ASP
PB
ZREF
AGND
AGND
MBIAS
I2C SLAVE
SDAS
SCLS
ACLK2
ACLK1
ADDR
R
R
PRE-AMP
PRE-AMP
S/E ADC
(RIGHT)
DVDD
LDO
VDDA
VUSB
USB PHY
D+
D-
VBUS
Figure 2 – ES9281A/80A PRO Block Diagram
*Note: SCLK/GPIO1 is usable as a GPIO when USB port is not used.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com